Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 4 Page - Cypress Semiconductor

  S70GL02GS Datasheet HTML 1Page - Cypress Semiconductor S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 4 of 19
S70GL02GS
1.
Ordering Information
1.1
Recommended Combinations
Recommended Combinations table below list various configurations planned to be available in volume. The table below will be
updated as new combinations are released. Check with your local sales representative to confirm availability of specific
configuration not listed or to check on newly released combinations.
Notes
1. BGA package marking omits leading “S70” and packing type designator from ordering part number.
2. Packing Type “0” is standard option.
The table below lists configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in volume. The
table will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific
combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade products in
combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full compliance with
ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require ISO/TS-16949
compliance.
S29GL-S Valid Combinations
Base OPN
Speed (ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number
(yy = Model Number, x = Packing
Type)
S70GL02GS
110
FHI, FHV
(Note 1)
01, 02
0, 3
(Note 2)
S70GL02GS11FHI01x
S70GL02GS11FHI02x
S70GL02GS11FHV01x
S70GL02GS11FHV02x
120
V1, V2
S70GL02GS12FHIV1x
S70GL02GS12FHIV2x
S70GL02GS12FHVV1x
S70GL02GS12FHVV2x
Valid Combinations — Automotive Grade / AEC-Q100
Base OPN
Speed (ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number
(yy = Model Number, x = Packing Type)
S70GL02GS
110
FHA, FHB
(Note 1)
01, 02
0, 3
(Note 2)
S70GL02GS11FHA01x
S70GL02GS11FHA02x
S70GL02GS11FHB01x
S70GL02GS11FHB02x
120
V1, V2
S70GL02GS12FHAV1x
S70GL02GS12FHAV2x
S70GL02GS12FHBV1x
S70GL02GS12FHBV2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com