Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor S70GL02GS Datasheet HTML 10Page - Cypress Semiconductor S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor S70GL02GS Datasheet HTML 15Page - Cypress Semiconductor S70GL02GS Datasheet HTML 16Page - Cypress Semiconductor S70GL02GS Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 13 of 19
S70GL02GS
8.
BGA Package Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
9.
Device ID and Common Flash Interface (ID-CFI) ASO Map
The Device ID portion of the ASO (word locations 0h to 0Fh) provides manufacturer ID, device ID, Sector Protection State, and basic
feature set information for the device.
ID-CFI Location 02h displays sector protection status for the sector selected by the sector address (SA) used in the ID-CFI enter
command. To read the protection status of more than one sector it is necessary to exit the ID ASO and enter the ID ASO using the
new SA. The access time to read location 02h is always tACC and a read of this location requires CE# to go High before the read and
return Low to initiate the read (asynchronous read access). Page mode read between location 02h and other ID locations is not
supported. Page mode read between ID locations other than 02h is supported.
Parameter Symbol
Parameter Description
Typ
Max
Unit
CIN
Input Capacitance
15
16
pF
COUT
Output Capacitance
10
11
pF
A26
Highest Order Address
6
7
pF
CE#
Separated Control Pin
12
13
pF
OE#
Separated Control Pin
7
8
pF
WE#
Separated Control Pin
11
12
pF
WP#
Separated Control Pin
11
12
pF
RESET#
Separated Control Pin
8
9
pF
RY/BY#
Separated Control Pin
5
6
pF
Table 6. ID (Autoselect) Address Map
Description
Address
Read Data
Manufacture ID
(SA) + 0000h
0001h
Device ID
(SA) + 0001h
227Eh
Protection Verification
(SA) + 0002h
Sector Protection State (1= Sector protected, 0= Sector unprotected). This protection state is
shown only for the SA selected when entering ID-CFI ASO. Reading other SA provides
undefined data. To read a different SA protection state ASO exit command must be used and
then enter ID-CFI ASO again with the new SA.
Indicator Bits
(SA) + 0003h
For S70GL02GS highest address sector protect:
XX3Fh = Not Factory Locked
XXBFh = Factory Locked
For S70GL02GS lowest address sector protect:
XX2Fh = Not Factory Locked
XXAFh = Factory Locked
DQ15-DQ08 = 1 (Reserved)
DQ7 - Factory Locked Secure Silicon Region
1 = Locked
0 = Not Locked
DQ6 - Customer Locked Secure Silicon Region
1 = Locked
0 = Not Locked
DQ5 = 1 (Reserved)
DQ4 - WP# Protects
0 = lowest address Sector
1 = highest address Sector
DQ3 - DQ0 = 1 (Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com