Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 5 Page - Cypress Semiconductor

  S70GL02GS Datasheet HTML 1Page - Cypress Semiconductor S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 5 of 19
S70GL02GS
The ordering part number is formed by a valid combination of the following:
S70GL02GS
12
F
H
I
01
0
PACKING TYPE
0 = Tray (standard)
3 = 13” Tape and Reel
MODEL NUMBER (VIO range, protection when WP# =VIL)
01 = VIO = VCC = 2.7V to 3.6V, highest address sector protected
02 = VIO = VCC = 2.7V to 3.6V, lowest address sector protected
V1 = VIO = 1.65V to VCC, VCC = 2.7V to 3.6V, highest address sector protected
V2 = VIO = 1.65V to VCC, VCC = 2.7V to 3.6V, lowest address sector protected
TEMPERATURE RANGE
I = Industrial (–40°C to +85°C)
A = Automotive, AEC-Q100 Grade 3 (–40°C to +85°C)
B = Automotive, AEC-Q100 Grade 2 (–40°C to +105°C)
V = Automotive - In Cabin (–40°C to +105°C)
PACKAGE MATERIALS SET
H = Low Halogen, Pb-free
PACKAGE TYPE
F = Fortified Ball Grid Array, 1.0 mm pitch package (LSH064), 11 mm x 13 mm
SPEED OPTION
11 = 110 ns
12 = 120 ns
DEVICE NUMBER/DESCRIPTION
S70GL02GS
3.0 Volt-Only, 2048 Megabit (128M x 16-Bit) Page-Mode Flash Memory
Manufactured on 65 nm MirrorBit Eclipse process technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com