Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor S70GL02GS Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 6 of 19
S70GL02GS
2.
Input/Output Descriptions and Logic Symbol
Table 1 identifies the input and output package connections provided on the device.
Table 1. Input/Output Descriptions
Symbol
Type
Description
A26–A0
Input
Address lines for GL02GS.
DQ15–DQ0
I/O
Data input/output.
CE#
Input
Chip Enable.
OE#
Input
Output Enable.
WE#
Input
Write Enable.
VCC
Supply
Device Power Supply.
VIO
Supply
Versatile IO Input.
VSS
Supply
Ground.
RY/BY#
Output
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL, the
device is actively erasing or programming. At High Z, the device is in ready.
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#
Input
Write Protect/Acceleration Input. At VIL, disables program and erase functions in the outermost
sectors. At VHH, accelerates programming; automatically places device in unlock bypass mode.
Should be at VIH for all other conditions.
NC
No Connect
Not Connected. No device internal signal is connected to the package connector nor is there any
future plan to use the connector for a signal. The connection may safely be used for routing
space for a signal on a Printed Circuit Board (PCB).
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector. The
connection may be used by Cypress for test or other purposes and is not intended for connection
to any host system signal. Any DNU signal related function will be inactive when the signal is at
VIL. The signal has an internal pull-down resistor and may be left unconnected in the host system
or may be tied to VSS. Do not use these connections for PCB signal routing channels. Do not
connect any host system signal to these connections.
RFU
No Connect
Reserved for Future Use. No device internal signal is currently connected to the package
connector but there is potential future use for the connector for a signal. It is recommended to not
use RFU connectors for PCB routing channels so that the PCB may take advantage of future
enhanced features in compatible footprint devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com