Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor S70GL02GS Datasheet HTML 10Page - Cypress Semiconductor S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor S70GL02GS Datasheet HTML 15Page - Cypress Semiconductor S70GL02GS Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 12 of 19
S70GL02GS
7.
DC Characteristics
Notes
1. ICC active while Embedded Algorithm is in progress.
2. Not 100% tested.
3. Automatic sleep mode enables the lower power mode when addresses remain stable for a designated time.
4. VIO = 1.65V to VCC or 2.7V to VCC depending on the model.
5. VCC = 3V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at >1.8V.
6. During power-up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes correctly.
7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification until the embedded operation
is stopped by the reset. If no embedded operation is in progress when reset is started, or following the stopping of an embedded operation, ICC7 will be drawn during
the remainder of tRPH. After the end of tRPH the device will go to standby mode until the next read or write.
8. The recommended pull-up resistor for RY/BY# output is 5k to 10k Ohms.
9. For all other DC current values, refer to the S29GL-128S_01GS_00 datasheet.
Device ID, Word 3
(Base) + 0Fh
2201h
Secure Device Verify
(Base) + 03h
For S70GL02GS highest address sector protect:
XX3Fh = Not Factory Locked
XXBFh = Factory Locked
For S70GL02GS lowest address sector protect:
XX2Fh = Not Factory Locked
XXAFh = Factory Locked
Sector Protect Verify
(SA) + 02h
xx01h/01h = Locked, xx00h/00h = Unlocked
Table 5. DC Characteristics
Parameter
Description
Test Conditions
Min
Typ
(Note 2)
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC max
+0.04
±2.0
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
+0.04
±2.0
µA
ICC4
VCC Standby Current
CE#, RESET#, OE# = VIH, VIH = VIO
VIL = VSS, VCC = VCC max
140
200
µA
ICC5
VCC Reset Current (Notes 2, 7)
CE# = VIH, RESET# = VIL,
VCC = VCC max
20
40
mA
ICC6
Automatic Sleep Mode (Note 3)
VIH = VIO, VIL = VSS ,
VCC = VCC max, tACC + 30 ns
612
mA
VIH = VIO, VIL = VSS,
VCC = VCC max, tASSB
200
300
µA
ICC7
VCC Current during power up
(Notes 2, 6)
RESET# = VIO, CE# = VIO, OE# = VIO,
VCC = VCC max,
106
160
mA
Table 4. Autoselect Addresses in System (Continued)
Description
Address
Read Data (word/byte mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com