Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor S70GL02GS Datasheet HTML 15Page - Cypress Semiconductor S70GL02GS Datasheet HTML 16Page - Cypress Semiconductor S70GL02GS Datasheet HTML 17Page - Cypress Semiconductor S70GL02GS Datasheet HTML 18Page - Cypress Semiconductor S70GL02GS Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 16 of 19
S70GL02GS
(SA) + 0039h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)
(SA) + 003Ah
0000h
(SA) + 003Bh
0000h
(SA) + 003Ch
0000h
Table 10. CFI Primary Vendor-Specific Extended Query
Word Address
Data
Description
(SA) + 0040h
0050h
Query-unique ASCII string “PRI”
(SA) + 0041h
0052h
(SA) + 0042h
0049h
(SA) + 0043h
0031h
Major version number, ASCII
(SA) + 0044h
0035h
Minor version number, ASCII
(SA) + 0045h
001Ch
Address Sensitive Unlock (Bits 1-0)
00b = Required
01b = Not Required
Process Technology (Bits 5-2)
0000b = 0.23 µm Floating Gate
0001b = 0.17 µm Floating Gate
0010b = 0.23 µm MirrorBit
0011b = 0.13 µm Floating Gate
0100b = 0.11 µm MirrorBit
0101b = 0.09 µm Floating Gate
0110b = 0.09 µm MirrorBit
0111b = 0.065 µm MirrorBit Eclipse
1000b = 0.065 µm MirrorBit
1001b = 0.045 µm MirrorBit
(SA) + 0046h
0002h
Erase Suspend
0 = Not Supported
1 = Read Only
2 = Read and Write
(SA) + 0047h
0001h
Sector Protect
00 = Not Supported
X = Number of sectors in smallest group
(SA) + 0048h
0000h
Temporary Sector Unprotect
00 = Not Supported
01 = Supported
(SA) + 0049h
0008h
Sector Protect/Unprotect Scheme
04 = High Voltage Method
05 = Software Command Locking Method
08 = Advanced Sector Protection Method
(SA) + 004Ah
0000h
Simultaneous Operation
00 = Not Supported
X = Number of banks
(SA) + 004Bh
0000h
Burst Mode Type
00 = Not Supported
01 = Supported
(SA) + 004Ch
0003h
Page Mode Type
00 = Not Supported
01 = 4 Word Page
02 = 8 Word Page
03=16 Word Page
(SA) + 004Dh
0000h
ACC (Acceleration) Supply Minimum
00 = Not Supported
D7-D4: Volt
D3-D0: 100 mV
Table 9. CFI Device Geometry Definition (Continued)
Word Address
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com