Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor S70GL02GS Datasheet HTML 15Page - Cypress Semiconductor S70GL02GS Datasheet HTML 16Page - Cypress Semiconductor S70GL02GS Datasheet HTML 17Page - Cypress Semiconductor S70GL02GS Datasheet HTML 18Page - Cypress Semiconductor S70GL02GS Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 18 of 19
S70GL02GS
10. Document History
Document Title: S70GL02GS, 2 Gbit (256 MBytes), 3.0 V Flash Memory
Document Number: 001-98296
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
BWHA
05/19/2011
Spansion Publication Number: S70GL-S_00
Initial release
*A
BWHA
07/08/2011
Performance Characteristics: Updated Typical Program and Erase Rates
Ordering Information: Updated model number description of V1 and V2
DC Characteristics: Modified Note 3
*B
BWHA
09/23/2011
Distinctive Characteristics: Cosmetic changes
Ordering Information: Updated
CFI Device Geometry Definition: Data at (SA) + 002Eh modified
*C
BWHA
12/15/2011
Global: Data sheet designation changed from Preliminary to Full Production
Performance Characteristics: Updated Sector Erase time
Figure: 64-ball Fortified Ball Grid Array: Added notes
BGA Package Capacitance: Updated
*D
BWHA
06/27/2014
Global: Added –40°C to +105°C temperature range
*E
4871480
BWHA
08/13/2015
Updated to Cypress template
*F
5157725
TOCU
03/04/2016
General Description: Updated Cypress Document Number as “001-98285” in
the table.
Distinctive Characteristics: Updated link to S29GL01GS datasheet.
Updated to new template.
*G
5343030
TOCU
07/08/2016
Updated Document Title to read as “S70GL02GS 2 Gbit (256 MBytes), 3.0 V
Flash Memory”.
Updated to new template.
*H
5755394
NIBK
05/31/2017
Updated Cypress Logo and Copyright.
*I
5774339
NFB
06/15/2017
Updated Ordering Information.
*J
5848474
PRIT
08/09/2017
Added Section Second Die Access
Updated Device Number/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com