Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button S70GL02GS Datasheet HTML 10Page - Cypress Semiconductor S70GL02GS Datasheet HTML 11Page - Cypress Semiconductor S70GL02GS Datasheet HTML 12Page - Cypress Semiconductor S70GL02GS Datasheet HTML 13Page - Cypress Semiconductor S70GL02GS Datasheet HTML 14Page - Cypress Semiconductor S70GL02GS Datasheet HTML 15Page - Cypress Semiconductor S70GL02GS Datasheet HTML 16Page - Cypress Semiconductor S70GL02GS Datasheet HTML 17Page - Cypress Semiconductor S70GL02GS Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 14 of 19
S70GL02GS
RFU
(SA) + 0004h
Reserved
(SA) + 0005h
Reserved
(SA) + 0006h
Reserved
(SA) + 0007h
Reserved
(SA) + 0008h
Reserved
(SA) + 0009h
Reserved
(SA) + 000Ah
Reserved
(SA) + 000Bh
Reserved
Lower Software Bits
(SA) + 000Ch
Bit 0 - Status Register Support
1 = Status Register Supported
0 = Status Register not supported
Bit 1 - DQ polling Support
1 = DQ bits polling supported
0 = DQ bits polling not supported
Bit 3-2 - Command Set Support
11 = reserved
10 = reserved
01 = Reduced Command Set
00 = Classic Command set
Bits 4-15 - Reserved = 0
Upper Software Bits
(SA) + 000Dh
Reserved
Device ID
(SA) + 000Eh
2248h = 2 Gb
Device ID
(SA) + 000Fh
2201h
Table 7. CFI Query Identification String
Word Address
Data
Description
(SA) + 0010h
(SA) + 0011h
(SA) + 0012h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
(SA) + 0013h
(SA) + 0014h
0002h
0000h
Primary OEM Command Set
(SA) + 0015h
(SA) + 0016h
0040h
0000h
Address for Primary Extended Table
(SA) + 0017h
(SA) + 0018h
0000h
0000h
Alternate OEM Command Set
(00h = none exists)
(SA) + 0019h
(SA) + 001Ah
0000h
0000h
Address for Alternate OEM Extended Table
(00h = none exists)
Table 6. ID (Autoselect) Address Map (Continued)
Description
Address
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com