Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70GL02GS Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S70GL02GS
Description  2 Gbit (256 MBytes), 3.0 V Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GS Datasheet(HTML) 2 Page - Cypress Semiconductor

  S70GL02GS Datasheet HTML 1Page - Cypress Semiconductor S70GL02GS Datasheet HTML 2Page - Cypress Semiconductor S70GL02GS Datasheet HTML 3Page - Cypress Semiconductor S70GL02GS Datasheet HTML 4Page - Cypress Semiconductor S70GL02GS Datasheet HTML 5Page - Cypress Semiconductor S70GL02GS Datasheet HTML 6Page - Cypress Semiconductor S70GL02GS Datasheet HTML 7Page - Cypress Semiconductor S70GL02GS Datasheet HTML 8Page - Cypress Semiconductor S70GL02GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Document Number: 001-98296 Rev. *J
Page 2 of 19
S70GL02GS
Performance Characteristics
Notes
1. Access times are dependent on VIO operating ranges. See
Ordering Information on page 4 for further details.
2. Contact a sales representative for availability.
Max. Read Access Times (ns) (Note 1)
Parameter
2 Gb
Random Access Time (tACC)
110
120
Page Access Time (tPACC)20
30
CE# Access Time (tCE)
110
120
OE# Access Time (tOE)25
35
Typical Program and Erase Rates
Buffer Programming (512 bytes)
1.5 MB/s
Sector Erase (128 kbytes)
477 kB/s
Maximum Current Consumption
Active Read at 5 MHz, 30 pF
60 mA
Program
100 mA
Erase
100 mA
Standby
200 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com