Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 18Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 19Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 20Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 10
Hardware Signal Definition Table
Document
5228-DS09-405-R
D12,E12
D11,E11
D08,E08
E07,D07
N09,M09
N10,M10
N11,M11
N12,M12
171,170
173,174
189,188
191,192
69,68
71,72
87,86
89,90
SD+{1}, SD–{1}
SD+{2}, SD–{2}
SD+{3}, SD–{3}
SD+{4}, SD–{4}
SD+{5}, SD–{5}
SD+{6}, SD–{6}
SD+{7}, SD–{7}
SD+{8}, SD–{8}
IPD
100BASE-FX Signal Detect. Indicates signal
quality status on the fiber-optic link in
100BASE-FX mode. When the signal quality
is good, the SD+ pin should be driven high
relative to the SD
− pin. 100BASE-FX mode is
disabled when both pins are simultaneously
pulled low or left unconnected.
Reduced Media Independent Interface (RMII)
T15
99
100
REF_CLK
I
Reference Clock Input. This pin must be
driven with a continuous 50-MHz clock in the
RMII application and a 125-MHz clock in the
SMII application. It provides timing for
CRS_DV, RXD1, RXD0, TX_EN,
TXD1,TXD0, and RX_ER. Accuracy shall be
±50 ppm, with a duty cycle between 35% and
65% inclusive.
C03
B02
B01
A01
T01
R01
P04
P03
4
3
208
207
53
52
51
50
4
3
208
207
53
52
51
50
TX_EN{1:8}
IPD
Transmit Enable. In RMII mode,active high
indicates that the MAC is presenting di-bits on
TXD1,TXD0 for transmission. TX_EN is
asserted synchronously with the first nibble of
the preamble and remains asserted while all
di-bits to be transmitted are presented to the
RMII. TX_EN transitions synchronously with
respect to REF_CLK.
D16
E16
F15
F16
G15
G16
H15
H16
J15
J16
K15
K16
L15
L16
M15
M16
149
150
145
146
139
140
135
136
127
128
123
124
117
118
113
114
149
150
145
146
139
140
135
136
127
128
123
124
117
118
113
114
TXD1{1}
TXD0{1}
TXD1{2}
TXD0{2}
TXD1{3}
TXD0{3}
TXD1{4}
TXD0{4}
TXD1{5}
TXD0{5}
TXD1{6}
TXD0{6}
TXD1{7}
TXD0{7}
TXD1{8}
TXD0{8}
IPD
Transmit Data Input. In RMII mode,
TXD1,TXD0 dibit wide data is input on these
pins for transmission by the PHY. The data is
synchronous with REF_CLK. TXD1 is the
most significant bit. Values other than 00 on
TXD1,TXD0 while TX_EN is deasserted are
ignored by the PHY.
In SMII mode, the TXD0{1:8} form the STXD
pins for each PHY.
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com