Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 55 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 55 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 54Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 55Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 56Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 57Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 58Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 59Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Auto-Negotiation Advertisement Register
Page 43
AUTO-NEGOTIATION ADVERTISEMENT REGISTER
Next Page. The BCM5228 supports the Next Page function.
Remote Fault. Writing a 1 to bit 13 of the Advertisement register causes a remote fault indicator to be sent to the link partner
during auto-negotiation. Writing a 0 to this bit or resetting the chip clears the Remote Fault transmission bit. This bit returns
the value last written to it, or else 0, if no write has been completed since the last chip reset.
Reserved Technologies. Ignore output when read.
Pause. Pause operation for full-duplex links. The use of this bit is independent of the negotiated data rate, medium, or link
technology. The setting of this bit indicates the availability of additional DTE capability when full-duplex operation is in use.
This bit is used by one MAC to communicate pause capability to its link partner and has no effect on PHY operation.
Advertise. Bits 9:5 of the Advertisement register allow the user to customize the ability information transmitted to the link
partner. The default value for each bit reflects the abilities of the BCM5228. By writing a 1 to any of the bits, the corresponding
ability is transmitted to the link partner. Writing a 0 to any bit causes the corresponding ability to be suppressed from
transmission. Resetting the chip restores the default bit values. Reading the register returns the values last written to the
corresponding bits, or else the default values if no write has been completed since the last chip reset.
Advertise Selector Field. Bits 4:0 of the Advertisement register contain the value 00001, indicating that the chip belongs
to the 802.3 class of PHY transceivers.
Table 22: Auto-Negotiation Advertisement Register (Address 04d, 04h)
Bit
Name
R/W
Description
Default
15
Next Page
R/W
1 = Next page ability is enabled
0 = Next page ability is disabled
0
14
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
––
0
13
Remote Fault
R/W
1 = Transmit remote fault
0
12:11
Reserved Technologies
RO
Ignore when read
00
10
Pause
R/W
1 = Pause operation for full-duplex
0
9
Advertise 100BASE-T4
R/W
1 = Advertise T4 capability
0 = Do not advertise T4 capability
0
8
Advertise 100BASE-X FDX
R/W
1 = Advertise 100BASE-X full-duplex
0 = Do not advertise 100BASE-X full-duplex
1
7
Advertise 100BASE-X
R/W
1 = Advertise 100BASE-X
1
6
Advertise 10BASE-T FDX
R/W
1 = Advertise 10BASE-T full-duplex
0 = Do not advertise 10BASE-T full-duplex
1
5
Advertise 10BASE-T
R/W
1 = Advertise 10BASE-T
1
4:0
Advertise Selector Field
R/W
Indicates 802.3
00001
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com