Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 52 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 52 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 54Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 55Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 56Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 40
MII Management Interface: Register Programming
Document
5228-DS09-405-R
effect when auto-negotiation has been disabled by hardware control. When read, this bit returns the value most recently
written to this location, or 1 if it has not been written since the last chip reset.
Power Down. The BCM5228 does not implement power-down mode. However, the device does support auto power-down
mode (see “Auto Power-Down Mode” on page 26).
Isolate. Each individual PHY can be isolated from its Media Independent Interface by writing a 1 to bit 10 of the Control
register. All RMII outputs is tri-stated and all RMII/SMII/S3MII inputs are ignored. Because the MII/SMII/S3MII management
interface is still active, the isolate mode can be cleared by writing a 0 to bit 10 of the Control register, or by resetting the chip.
When this bit is read, it returns a 1 when the chip is in isolate mode, otherwise, it returns a 0. See also “Isolate
Mode” on page 26.
Restart Auto-Negotiation. Bit 9 of the Control register is a self-clearing bit that allows the auto-negotiation process
to be restarted, regardless of the current status of the auto-negotiation state machine. In order for this bit to have
an effect, auto-negotiation must be enabled. Writing a 1 to this bit restarts the auto-negotiation, while writing a 0 to
this bit has no effect. Since the bit is self-clearing after only a few cycles, it always returns a 0 when read. The
operation of this bit is identical to bit 9 of the Auxiliary Multiple PHY register.
Duplex Mode. By default, the BCM5228 powers up in half-duplex mode. The chip can be forced into full-duplex mode by
writing a 1 to bit 8 of the Control register while auto-negotiation is disabled. Half-duplex mode can be resumed by writing a
0 to bit 8 of the Control register, or by resetting the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com