Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 64 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 64 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 60Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 61Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 62Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 68Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 52
Auxiliary Control/Status Register
Document
5228-DS09-405-R
AUXILIARY CONTROL/STATUS REGISTER
Jabber Disable. 10BASE-T operation only. Bit 15 of the Auxiliary Control register allows the user to disable the jabber detect
function, defined in the IEEE standard. This function shuts off the transmitter when a transmission request has exceeded a
maximum time limit. By writing a 1 to bit 15 of the Auxiliary Control register, the jabber detect function is disabled. Writing a
0 to this bit or resetting the chip restores normal operation. Reading this bit returns the value of Jabber Detect Disable.
Link Disable. Writing a 1 to bit 14 of the Auxiliary Control register allows the user to disable the link integrity state machines,
and place the BCM5228 into forced link pass status. Writing a 0 to this bit or resetting the chip restores the link integrity
functions. Reading this bit returns the value of Link Integrity Disable.
HSQ:LSQ. Extend or decrease the squelch levels for detection of incoming 10BASE-T data packets. The default squelch
levels implemented are those defined in the IEEE standard. The high-squelch and low-squelch levels are useful for situations
where the IEEE-prescribed levels are inadequate. The squelch levels are used by the CRS/LINK block to filter out noise and
recognize only valid packet preambles and link integrity pulses. Extending the squelch levels allows the BCM5228 to operate
properly over longer cable lengths. Decreasing the squelch levels can be useful in situations where there is a high level of
noise present on the cables. Reading these 2 bits returns the value of the squelch levels.
Table 32: Auxiliary Control/Status Register (Address 24d, 18h)
Bit
Name
R/W
Description
Default
15
Jabber Disable
R/W
1= Jabber function disabled in PHY
0 = Jabber function enabled in PHY
0
14
Link Disable
R/W
1= Link Integrity test disabled in PHY
0 = Link Integrity test is enabled in PHY
0
13:8
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–
000000
7:6
HSQ:LSQ
R/W
These two bits define the squelch mode of the
10BASE-T carrier sense mechanism:
00 = Normal squelch
01 = Low squelch
10 = High squelch
11 = Not allowed
00
5:4
Edge Rate [1:0]
R/W
00 = 1 ns
01 = 2 ns
10 = 3 ns
11 = 4 ns
11
3
Auto-Negotiation Indicator
RO
1 = Auto-negotiation activated
0 = Speed forced manually
1
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-X
0 = Speed forced to 10BASE-T
1
1
Speed Indication
RO
1 = 100BASE-X
0 = 10BASE-T
0
0
Full-Duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active
0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com