Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 70 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 70 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 69Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 71Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 72Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 73Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 74Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 58
10BASE-T Auxiliary Error and General Status Register
Document
5228-DS09-405-R
All Error bits in the Auxiliary Error and General Status register are read-only and are latched high. When certain types of
errors occur in the BCM5228, one or more corresponding error bits become 1. They remain so until the register is read, or
until a chip reset occurs. All such errors necessarily result in data errors, and are indicated by a high value on the RXER
output pin at the time the error occurs.
MDIX Status. This bit, when read as a 1, indicates that the MDI TD± and RD± signals for the BCM5228 have been
swapped. The cause for this is one of the following:
•
the MDIX Swap bit was manually set to a 1, or
•
the HP Auto-MDIX function is enabled and the BCM5228 has detected an MDI cross-over cable.
MDIX Manual Swap. When this bit is set to a 1, the MDI TD± and RD± signals for the BCM5228 are forced into being
swapped.
HP Auto-MDIX Disable. When this bit is set to a 1, the HP Auto-MDIX function is disabled in the BCM5228.
Manchester Code Error. Indicates that a Manchester code violation was received. This bit is only valid during 10BASE-T
operation.
End-of-Frame Error. Indicates that the end-of-frame (EOF) sequence was improperly received, or not received at all. This
error bit is only valid during 10BASE-T operation.
Auto-Negotiation Indication. A read-only bit that indicates whether auto-negotiation has been enabled or disabled on the
BCM5228. A combination of a 1 in bit 12 of the Control register and a logic 1 on the ANEN input pin is required to enable
auto-negotiation. When auto-negotiation is disabled, bit 15 of the Auxiliary Mode register returns a 0. At all other times, it
returns a 1.
Force 100/10 Indication. A read-only bit that returns a value of 0 when one of following two cases is true:
•
The ANEN pin is low AND the F100 pin is low, or
•
Bit 12 of the Control register has been written 0 AND bit 13 of the Control register has been written 0.
When bit 2 of the Auxiliary Control register is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed is
not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-X.
Speed Indication. A read-only bit that shows the true current operation speed of the BCM5228. A 1 bit indicates 100BASE-
X operation, while a 0 indicates 10BASE-T. While the auto-negotiation exchange is performed, the BCM5228 is always
operating at 10BASE-T speed.
3
Auto-Negotiation Indication
RO
1 = Auto-negotiation activated
0 = Speed forced manually
1
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-X
0 = Speed forced to 10BASE-T
1
1
Speed Indication
RO
1 = 100BASE-X
0 = 10BASE-T
0
0
Full-Duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active
0
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
Table 36: 10BASE-T Auxiliary Error and General Status Register (Address 28d, 1Ch)
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com