Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 8Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 9Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 10Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 11Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 12Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 13Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 14Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 15Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page xii
Document
5228-DS09-405-R
Table 33: Auxiliary Status Summary Register (Address 25d, 19h) ................................................................... 54
Table 34: Interrupt Register (Address 26d, 1Ah) .............................................................................................. 55
Table 35: Auxiliary Mode 2 Register (Address 27d, 1Bh) ................................................................................. 56
Table 36: 10BASE-T Auxiliary Error and General Status Register (Address 28d, 1Ch) ................................... 57
Table 37: Auxiliary Mode Register (Address 29d, 1Dh) .................................................................................... 60
Table 38: Auxiliary Multiple PHY Register (Address 30d, 1Eh) ........................................................................ 61
Table 39: Broadcom Test (Address 31d, 1Fh) .................................................................................................. 62
Table 40: Auxiliary Mode 4 (PHY 1) Register (Shadow Register 26d, 1Ah) ..................................................... 63
Table 41: Auxiliary Mode 4 (PHY 2) Register (Shadow Register 26d, 1Ah) ..................................................... 64
Table 42: Auxiliary Mode 4 (PHY 3) Register (Shadow Register 26d, 1Ah) ..................................................... 65
Table 43: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh).................................................................. 66
Table 44: Cable Length.....................................................................................................................................66
Table 45: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch).................................................................. 67
Table 46: Auxiliary Mode 3 Register (Shadow Register 29d, 1Dh)................................................................... 68
Table 47: Current Receive FIFO Size ............................................................................................................... 68
Table 48: Auxiliary Status 4 Register (Shadow Register 30d, 1Eh).................................................................. 69
Table 49: Clock Timing .....................................................................................................................................70
Table 50: Reset Timing .....................................................................................................................................70
Table 51: RMII Transmit Timing........................................................................................................................ 71
Table 52: RMII Receive Timing.........................................................................................................................71
Table 53: SMII/S3MII Timing ............................................................................................................................ 72
Table 54: Auto-Negotiation Timing ...................................................................................................................73
Table 55: LED Timing ....................................................................................................................................... 73
Table 56: MII Management Data Interface Timing............................................................................................ 73
Table 58: Recommended Operating Conditions ...............................................................................................76
Table 59: Electrical Characteristics...................................................................................................................76
Table 60: ThetaJA vs. Airflow for the BCM5228B (256 FPBGA) Package ........................................................80
Table 61: ThetaJA vs. Airflow for the BCM5228F (208 PQFP) Package...........................................................80
Table 62: ThetaJA vs. Airflow for the BCM5228U (208 PQFP) Package ..........................................................80
Table 63: ThetaJA vs. Airflow for the BCM5228B with Heat Sink......................................................................87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com