Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  5228-DS08-R Datasheet HTML 1Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 2Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 3Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 4Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 5Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 6Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 7Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 8Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
5228-DS09-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
7/12/04
Data Sheet
BCM5228
10/100BASE-TX/FX Octal-
Φ™ Transceiver
Figure 1: Functional Block Diagram
G EN ER AL DE SC RI PTI O N
F EA TU RE S
The BCM5228 is an octal 10 /100BASE-TX/FX
transceiver targeted at Fast Ethernet switches. The
device contains eight full-duplex 10BASE-T/100BASE-
TX/FX Fast Ethernet transceivers, each of which
perform all of the physical layer interface functions for
10BASE-T Ethernet on Category 3, 4, or 5 unshielded
twisted-pair (UTP) cable and 100BASE-TX Fast
Ethernet on Category 5 UTP cable. The 100BASE-FX is
supported at each port through the use of external fiber-
optic transmit and receive devices.
The BCM5228 is a highly integrated solution combining
digital adaptive equalizers, ADCs, phase locked loops,
line drivers, encoders, decoders, and the required
support circuitry into a single monolithic CMOS chip. The
BCM5228 complies with the IEEE 802.3 specification,
including the auto-negotiation subsections.
The effective use of digital technology in the BCM5228
design results in robust performance over a broad range
of operating scenarios. Problems inherent to mixed-
signal implementations (such as analog offset and on-
chip noise) are eliminated by employing field-proven
digital adaptive equalization and digital clock recovery
techniques.
•
10BASE-T/100BASE-TX/FX IEEE 802.3u compliant
•
Single-chip octal physical interface-RMII to magnetics
•
Reduced Media Independent Interface (RMII)
•
Option-Serial Media Independent Interface (SMII)
•
Option-Source Synchronous SMII (S3MII)
•
Fully integrated digital adaptive equalizers
•
125-MHz clock generator and timing recovery
•
On-chip multimode transmit waveshaping
•
Edge-rate control eliminates external filters
•
Integrated baseline wander correction
•
HP Auto-MDIX
•
Cable length indication
•
Cable noise level indication
•
IEEE 802.3
υ-compliant auto-negotiation
•
Shared MII management interface up to 25 Mbps
•
Serial LED status pins
•
Programmable parallel LED pins
•
Interrupt output capability
•
Loopback mode for diagnostics
•
IEEE 1149.1 (JTAG) and NAND chain ICT support
•
Low-power, dual-supply 2.5V/3.3V CMOS technology
•
Compatible with 2.5V/3.3V I/O
•
208-pin PQFP and 256-pin FPBGA packages
A PP LIC AT I O NS
•
Fast Ethernet switches
MII
MII
Equalizer
Auto-Negotiation
LED/INT
Clock
Bias
Registers
Mgmt
Control
Correction
/Link Integrity
Generator
Generator
Wander
Baseline
8
RXD{1:8}
MDC
MDIO
MODES/CONTROLS
TD± {1:8}
RD± {1:8}
REF_CLK
Recovery
Xmt DAC
CRS/Link
Detection
ADC
LED2{1:8}
SSSMII_DIS/SLED_CLK
Multimode
JTAG
Test Logic
5
JTAG
Digital
Adaptive
10BASE-T
PCS
100BASE-X
PCS
Drivers
Clock
13
8
INTR/SLED_DO
LED1{1:8}
8
8
TXD{1:8}
RDAC
SSYNC
SSSMII_TXC
SSSMII_RSYNC
Auto-
MDIX
SSSMII_RXC


Similar Part No. - 5228-DS08-R

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52280 MICROPAC-52280 Datasheet
115Kb / 3P
True Hermetically Sealed Proportionally Controlled Metal Package Heater Hybrids
logo
Festo Corporation.
5228153 FESTO-5228153 Datasheet
77Kb / 1P
Quick coupling
logo
Tyco Electronics
5228217-1 MACOM-5228217-1 Datasheet
503Kb / 17P
RF Coax Connectors
logo
TE Connectivity Ltd
5228226-1 TEC-5228226-1 Datasheet
988Kb / 34P
RF Coax Connectors
5228226-1 TEC-5228226-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
More results

Similar Description - 5228-DS08-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
10/100BASE TX OCTAL TRANSCEIVER
BCM5221 BOARDCOM-BCM5221_07 Datasheet
281Kb / 2P
10/100BASE-TX/FX Mini-過 Transceiver
BCM5226 BOARDCOM-BCM5226_04 Datasheet
140Kb / 2P
10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5221A4KPTG BOARDCOM-BCM5221A4KPTG Datasheet
208Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
BCM5221KPB BOARDCOM-BCM5221KPB Datasheet
189Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
BCM5221A4KMLG BOARDCOM-BCM5221A4KMLG Datasheet
189Kb / 2P
10/100BASE-TX/FX Mini-過??Transceiver
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
10/100BASE-TX/FX Octal Transceiver
BCM5238 BOARDCOM-BCM5238_05 Datasheet
933Kb / 76P
10/100BASE-TX Octal Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com