Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 69 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 69 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 69Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 71Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 72Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 73Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
10BASE-T Auxiliary Error and General Status Register
Page 57
Block 10BASE-T Echo Mode. When enabled, during 10BASE-T half-duplex transmit operation, the TXEN signal does not
echo onto the RXDV pin. The TXEN echoes onto the CRS pin, and the CRS deassertion directly follows the TXEN
deassertion.
Traffic Meter LED Mode. When enabled, the Activity LEDs (ACTLED# and FDXLED# if full-duplex LED and interrupt LED
modes are not enabled) do not blink based on the internal LED clock (approximately 80 µs of time). Instead, they blink based
on the rate of receive and transmit activity. Each time a receive or transmit operation occurs, the LED turns on for a minimum
of 5 µs. During light traffic, the LED blinks at a low rate, while during heavier traffic the LEDs remain on.
Activity LED Force On. When set to 1, the Col LED, Transmit LED, Receive LED, and Activity LED are turned on. This bit
has a higher priority than the Activity LED Force Inactive, bit 4, register 1Dh.
Activity/Link LED Mode. When enabled, the receive output goes active upon acquiring link and pulses during receive or
transmit activity.
Qual Parallel Detect Mode. This bit allows the auto-negotiation/parallel detection process to be qualified with information
in the Advertisement register.
If this bit is not set, the local BCM5228 device is enabled to auto-negotiate, and the far-end device is a 10BASE-T or
100BASE-X non auto-negotiating legacy type, the local device auto-negotiates/parallel-detects the far-end device,
regardless of the contents of its Advertisement register (04h).
If this bit is set, the local device compares the link speed detected to the contents of its Advertisement register. If the
particular link speed is enabled in the Advertisement register, the local device asserts link. If the link speed is disabled in this
register, then the local device does not assert link and continues monitoring for a matching capability link speed.
10BASE-T AUXILIARY ERROR AND GENERAL STATUS REGISTER
Table 36: 10BASE-T Auxiliary Error and General Status Register (Address 28d, 1Ch)
Bit
Name
R/W
Description
Default
15:14
Reserveda
––
0
13
MDIX Status
RO
0 = MDI is in use
1 = MDIX is in use
0
12
MDIX Manual Swap
R/W
0 = MDI or MDIX if MDIX is not disabled
1 = Force MDIX
0
11
HP Auto-MDIX Disable
R/W
0 = Enable HP auto-MDIX
1 = Disable HP auto-MDIX
0
10
Manchester Code Error
RO
1 = Manchester code error (10BASE-T)
0
9
End-of-Frame Error
RO
1 = EOF detection error (10BASE-T)
0
8
Reserveda
––
0
7:5
Reserveda
––
001
4
Reserveda
––
0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com