Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 74 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 74 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 71Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 72Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 73Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 74Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 75Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 76Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 77Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 78Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 62
Broadcom Test Register
Document
5228-DS09-405-R
Acknowledge Complete. This read-only bit returns a 1 after the acknowledgment exchange portion of the auto-negotiation
process has been completed and the arbitrator state machine has exited the acknowledge complete state. It remains this
value until the auto-negotiation process is restarted, a link fault occurs, auto-negotiation is disabled, or the BCM5228 is reset.
Acknowledge Detected. This read-only bit is set to 1 when the arbitrator state machine exits the acknowledge detect state.
It remains high until the auto-negotiation process is restarted, or the BCM5228 is reset.
Ability Detect. This read-only bit returns a 1 when the auto-negotiation state machine is in the ability detect state. It enters
this state a specified time period after the auto-negotiation process begins, and exits after the first FLP burst or link pulses
are detected from the link partner. This bit returns a 00 any time the auto-negotiation state machine is not in the ability detect
state.
Super Isolate. Writing a 1 to this bit places the BCM5228 into the super isolate mode. Similar to the isolate mode, all RMII/
SMII/S3MII inputs are ignored, and all RMII/SMII/S3MII outputs are tri-stated. Additionally, all link pulses are suppressed.
This allows the BCM5228 to coexist with another PHY on the same adapter card, with only one being activated at any time.
See also “Super Isolate Mode” on page 26.
10BASE-T Serial Mode. Writing a 1 to bit 1 of the Auxiliary Mode register enables the 10BASE-T Serial mode. In
10BASE-T Serial mode, data packets traverse to the MAC layer across only TXD0 and RXD0 at a rate of 10 MHz. Serial
operation is not available in 100BASE-X mode.
BROADCOM TEST REGISTER
Shadow Register Enable. Writing a 1 to bit 7 of register 1Fh allows R/W access to the shadow registers.
Table 39: Broadcom Test (Address 31d, 1Fh)
BIt
Name
R/W
Description
Default
15:8
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
–
–00h
7
Shadow Register Enable
R/W
1 = Enable shadow registers 1Ah-1Eh
0 = Disable shadow registers
0
6
Reserveda
–
–0
5
Reserveda
–
–0
4:0
Reserveda
–
–0Bh
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com