Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 65 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 65 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 61Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 62Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 63Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 69Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Auxiliary Control/Status Register
Page 53
Edge Rate [1:0]. Control bits used to program the transmit DAC output edge rate in 100BASE-TX mode. These bits are
logically ANDed with the ER [1:0] input pins to produce the internal edge-rate controls (Edge_Rate [1] AND ER [1],
Edge_Rate [0] AND ER [0]).
Auto-Negotiation Indicator. A read-only bit that indicates whether auto-negotiation has been enabled or disabled on the
BCM5228. A combination of a 1 in bit 12 of the Control register and a logic 1 on the ANEN input pin is required to enable
auto-negotiation. When auto-negotiation is disabled, bit 3 of the Auxiliary Control register returns a 0. At all other times, it
returns a 1.
Force100/10 Indication. A read-only bit that returns a value of 0 when one of following two cases is true:
•
The ANEN pin is low AND the F100 pin is low, or
•
Bit 12 of the Control register has been written 0 AND bit 13 of the Control register has been written 0.
When bit 8 of the Auxiliary Control register is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed is
not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-X.
Speed Indication. Bit 1 of the Auxiliary Control register is a read-only bit that shows the true current operation speed of the
BCM5228. A 1 bit indicates 100BASE-X operation, while a 0 indicates 10BASE-T. While the auto-negotiation exchange is
performed, the BCM5228 is always operating at 10BASE-T speed
Full-Duplex Indication. Bit 0 of the Auxiliary Control register is a read-only bit that returns a 1 when the BCM5228 is in full-
duplex mode. In all other modes, it returns a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com