Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS08-R Datasheet(PDF) 99 Page - Broadcom Corporation.

Part # 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Datasheet(HTML) 99 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 92Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 93Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 94Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 95Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 96Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 97Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 98Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 99Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 100Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Ordering Information
Page 87
Sectio n 12: Ord e rin g I n fo rmation
The BCM5228BA4IPB can operate at –40
°C to +85°C (–40°F to 185°F) if used with a heat sink (see the following for details)
or equivalent:
The following thermal data applies to the BCM5228BA4IPB with the heat sink previously described.
Part Number
Package
Ambient Temperature
BCM5228UA4KPF
208 PQFP
0
°C to 70°C (32°F to 158° F)
BCM5228FA4KPF
208 PQFP
0
°C to 70°C (32°F to 158°F)
BCM5228BA4KPB
256 FBGA
0
°C to 70°C (32° F to 158°F)
BCM5228UA4IPF
208 PQFP
–40
°C to 85°C (–40°F to 185°F)
BCM5228FA4IPF
208 PQFP
–40
°C to 85°C (–40°F to 185°F)
BCM5228BA4IPB
256 FPBGA
–40
°C to 70°C (–40°F to 158°F)
Note: A4 is the current revision number at the time of publication of this data sheet.
Manufacturer:
Wakefield Engineering
Part Number:
624-60AB, made of extruded aluminum, 21 mm × 21 mm × 15.2 mm pin-fin
Thermal Interface:
Chomerics T410 double-sided thermal tape
Table 63: ThetaJA vs. Airflow for the BCM5228B with Heat Sink
Airflow (feet per minute)
0
100
200
400
600
ThetaJA(°C/W)
13.37
11.51
10.61
9.94
9.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com