Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 48Page - STMicroelectronics ST52T410 Datasheet HTML 49Page - STMicroelectronics ST52T410 Datasheet HTML 50Page - STMicroelectronics ST52T410 Datasheet HTML 51Page - STMicroelectronics ST52T410 Datasheet HTML 52Page - STMicroelectronics ST52T410 Datasheet HTML 53Page - STMicroelectronics ST52T410 Datasheet HTML 54Page - STMicroelectronics ST52T410 Datasheet HTML 55Page - STMicroelectronics ST52T410 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
ST52T410/ST52T420/E420
52/84
10 PWM/TIMER
ST52T410/ST52x420 offers three on-chip PWM/
Timer peripherals:TIMER0, TIMER1 and TIMER2.
The ST52T410/ST52x420 timers have the same
internal structure. The timer consists of an 8-bit
counter with a 16-bit programmable prescaler,
giving a maximum count of 224 (see Figure 10.1).
Figure 10.1 Timer Peripheral Block Diagram
Next, the generic timer is called Timer x, where x
can be 0, 1 or 2.
Each timer has two different working modes, which
can be selected by setting the correspondent
TxMODE bits of REG_CONF5, REG_CONF8 and
REG_CONF10 registers: Timer Mode and PWM
(Pulse Width Modulation) Mode.
All Timers have Autoreload Functions in PWM
Mode.
Each
timer
output
is
available,
with
its
complementary signal on external pins by setting
PAx
and
PCx
bits
of
REG_CONF12
and
REG_CONF16 (see Table 10.8 and Table 10.9).
Note: In order to enable timer output (TxOUT or
TxOUT) the related pin must be configured in
Output Mode by setting REG_CONF4 and
REG_CONF15 registers (see Table 7.4 and
Table 7.6)
In particular, TIMER0 can also use external
START/STOP signals (Input capture and Output
compare), external RESET signal and external
CLOCK: PA4/T0STRT, PA0/T0RES and PA5/
T0CLK pins.
Note: In order to use T0RST, T0STR, T0CLK
external signals the related pins must be
configured
in
Input
Mode
by
setting
REG_CONF4 and REG_CONF7 registers (see
Table 7.4 and Table 10.3)
For each timer, the content of the 8-bit counter is
incremented on the Rising Edge of the 16-bit
prescaler output (PRESCOUT) and it can be read
at any instant of the counting phase, saved in a
location of RAM memory. The PWM/Timer x
Counter value can be read from the Input Register
PWM_x_COUNT (Input Registers 12, 14 or 16.
See Table 2.2).
The PWM/Timer x Status can be read from the
Input Register PWM_x_STATUS (Input Registers
13, 15 or 17. See Table 2.2 and Table 10.10).
10.1 Timer Mode
Timer Mode is selected by fixing the TxMODE bit
of
REG_CONF5,
REG_CONF8
and
REG_CONF10 equal to 0 (see Table 10.1, Table
10.4 and Table 10.6).
Each TIMERx requires three signals: Timer Clock
(TMRCLKx), Timer Reset (TxRES) and Timer Start
(TxSTRT) (see Figure 10.1). Each of these signals
can be generated internally, or, only for Timer 0,
externally by setting T0RST, T0STR, T0CLK bits of
REG_CONF7 register.
TMRCLKx is the Prescaler x output, which
increments the Counter x value on the rising edge.
TMRCLKx is obtained from the internal clock
signal (CLKM) or, only for TIMER0, from the
external signal provided on the PA5/T0CLK pin.
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT14
BIT15
BIT3
BIT0
BIT1
BIT2
BIT6
BIT4
BIT5
BIT7
17- 1MULTIPLEXER
16-BITPRESCALER
8-BITCOUNTER
PRESCx
CLKM
TMRCLK
TxRES
TxSTRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com