Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 21Page - STMicroelectronics ST52T410 Datasheet HTML 22Page - STMicroelectronics ST52T410 Datasheet HTML 23Page - STMicroelectronics ST52T410 Datasheet HTML 24Page - STMicroelectronics ST52T410 Datasheet HTML 25Page - STMicroelectronics ST52T410 Datasheet HTML 26Page - STMicroelectronics ST52T410 Datasheet HTML 27Page - STMicroelectronics ST52T410 Datasheet HTML 28Page - STMicroelectronics ST52T410 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
ST52T410/ST52T420/E430
25/84
Figure 3.2 Eprom Programming Timing
The operations above are managed by using the
internal 4-bit EPROM Control Register. The
reading phase is executed with VPP= 5V±5%, while
the
verify/Margin
Mode
phase
needs
VPP=
12V
±5%. The Blank Check must be a reading
operation with VPP= 5V±5%.
Table 3.1 illustrates EPROM Control Register
codes used to identify the operation running.
3.1 EPROM Programming Phase Procedure
The Programming mode is selected by applying
12V
±5% voltage or 5V±5% voltage to the VPP pin
and setting the control signal as following:
RESET =Vss
TEST =Vss
If the VPP voltage is 5V±5% only reading may be
performed.
RST_ADD, INC_ADD, RST_CONF, INC_CONF
and PHASE are the control signals used during the
Programming Mode.
PHASE, RST_CONF and RST_ADD signals are
active on level, the others are active on rising
edge.
Table 3.1 EPROM Control Register
OPERATION
REGISTER VALUE
Stand By
0
Memory Reading/Verify
1
Memory Unlock and
Lock Status Reading
2
Memory Writing
3
Memory Lock
4
ID CODE Writing
5
Memory Lock Status
Reading/Verify
9
ID CODE Reading/
Verify
10
MEMORY UNLOCK
MEMORY WRITING
LOCATION ADDRESS =1
DATA
IN
MEMORY VERIFY
MARGIN MODE
DATA
OUT
VALID
DATA
VALID
DATA
VALID
DATA
DATA
OUT
DATA
OUT
100nS
10
µS
PA(0:7)
RST_ADD
ST_CONF
INC_ADD
INC_CONF
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com