Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 38Page - STMicroelectronics ST52T410 Datasheet HTML 39Page - STMicroelectronics ST52T410 Datasheet HTML 40Page - STMicroelectronics ST52T410 Datasheet HTML 41Page - STMicroelectronics ST52T410 Datasheet HTML 42Page - STMicroelectronics ST52T410 Datasheet HTML 43Page - STMicroelectronics ST52T410 Datasheet HTML 44Page - STMicroelectronics ST52T410 Datasheet HTML 45Page - STMicroelectronics ST52T410 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
ST52T410/ST52T420/E420
42/84
Figure 7.2 Port B Functional Blocks
7.3 Output Mode
The output configuration is selected by setting the
corresponding configuration register bit to “0”
(REG_CONF 4, 13 and 15) (see paragraph I/O
Port Configuration Registers).
Digital data is transferred to the related I/O Port by
means of the Output register via the assembler
instructions LDPE or LDPR.
7.4 Alternate Functions
Several
ST52T410/ST52x420
pins
are
configurable to be used with different functions
(see Table 1.1).
When an on-chip peripheral is configured to use a
pin, the correct I/O mode of the related pin must be
selected.
For example: if pin 20 (PA5/T0CLK) has to be used
as an external PWM/Timer0 clock, the Reg_Conf
4(5) bit must be set to ‘1’.
When the signal is an on-chip peripheral input the
related I/O pin has to be configured in Input Mode.
When a pin is used as an A/D Converter input the
related I/O pin is automatically set in tristate. The
analog
multiplexer
(controlled
by
the
A/D
configuration
Register)
switches
the
analog
voltage present on the selected pin to the common
analog rail, which is connected to the ADC input
(ST52x420 only).
It is recommended that the voltage level not be
changed or that any port pins not be loaded while
conversion
is
running.
Furthermore,
it
is
recommended that clocking pins not be located
close to a selected analog pin (ST52x420 only).
Table 7.2
Input Register and I/O Ports
PORT A
PORT B
PORT C
IR 9
IR 10
IR 11
Table 7.3 Output Register and I/O Ports
PORT A
PORT B
PORT C
OR 0
OR 1
OR 2
TO A/D CONVERTER
CMOS
PORT B PIN
FROM CONFIGURATION REGISTER
TO INPUT REGISTER
FROM OUTPUT REGISTERS
FROM CONFIGURATION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com