Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 75Page - STMicroelectronics ST52T410 Datasheet HTML 76Page - STMicroelectronics ST52T410 Datasheet HTML 77Page - STMicroelectronics ST52T410 Datasheet HTML 78Page - STMicroelectronics ST52T410 Datasheet HTML 79Page - STMicroelectronics ST52T410 Datasheet HTML 80Page - STMicroelectronics ST52T410 Datasheet HTML 81Page - STMicroelectronics ST52T410 Datasheet HTML 82Page - STMicroelectronics ST52T410 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
ST52T410/ST52T420/E420
79/84
11.10 8-bit A/D Characteristics
Subject to general operating conditions for VDD, fosc, and TA, unless otherwise specified.
Notes:
1. Noise on VDDA, VSSA < 40 mV
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Res
Resolution
8
bit
A TOT
Total Accuracy1)
1 MHz<fADC< 20 MHz
±1LSB
tC
Conversion Time
82/fADC
160/fADC
µS
VAN
Conversion Range
VSSA
VDDA
V
VZI
Zero Scale Voltage
Conversion result =
00 Hex
VSSA
V
VFS
Full Scale Voltage
Conversion result =
FF Hex
VDDA
V
ADI
Analog Input Current
during Conversion
fADC=20MHz
1
µA
ACIN
Analog Input Capacitance
25
pF
fADC
ADC Clock frequency
fosc/2
fosc
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com