Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 41Page - STMicroelectronics ST52T410 Datasheet HTML 42Page - STMicroelectronics ST52T410 Datasheet HTML 43Page - STMicroelectronics ST52T410 Datasheet HTML 44Page - STMicroelectronics ST52T410 Datasheet HTML 45Page - STMicroelectronics ST52T410 Datasheet HTML 46Page - STMicroelectronics ST52T410 Datasheet HTML 47Page - STMicroelectronics ST52T410 Datasheet HTML 48Page - STMicroelectronics ST52T410 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
ST52T410/ST52T420/E420
45/84
PWM/Timers Alternate Functions
The pins of Port A and C can be configured to be I/
O of the three PWM/Timers available on the
ST52T410/ST52x420. The configuration of these
pins is performed by using the Configuration
Registers REG_CONF 12 and REG_CONF 16 if
the related pin has to be output. When the related
pin has to be used as an input peripheral the
configuration
is
performed
by
the
relative
peripheral configuration registers (See PWM/
Timer Session).
Warning: in order to use PC1, PC2 and PC3
pins as standard I/O pins, the PWM/Timers
must be configured in Timer mode
Table 7.8 PWM/Timers REG_CONF 16
Bit
Name
Value
Description
0PC1
1
Pin T0OUT/PC1 is
configured as Port C
Digital I/O
0
Pin T0OUT/PC1 is
configured as PWM/
Timer 0 output T0OUT
1PC2
1
PinT1OUT/PC2 is
configured as Port C
Digital I/O
0
Pin T1OUT/PC2 is
configured as PWM/
Timer 1 output T1OUT
2PC3
1
Pin T2OUT/PC3 is
configured as Port C
Digital I/O
0
Pin T2OUT/PC3 is
configured as PWM/
Timer 2 output T2OUT
3-7
NC
X
Not Used
Reset Configuration ‘00000000
Table 7.9 PWM/Timers REG_CONF 12
Bit
Name
Value
Description
0PA1
1
Pin PA1/T0OUT is
configured as
PWM/Timer 0
complementary output
0
Pin PA1/T0OUT is
configured as
Port A Digital I/O
1PA2
1
Pin PA2/T1OUT is
configured as
PWM/Timer 1
complementary output
0
Pin PA2/T1OUT is
configured as
Port A Digital I/O
2PA3
1
Pin PA3/T2OUT is
configured as
PWM/Timer 2
complementary output
0
Pin PA3/T2OUT is
configured as
Port A Digital I/O
3PASZ
1PORT A bits = 8
0PORT A bits = 7
4-7
NC
x
Not Used
Reset Configuration ‘0000’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com