Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 15Page - STMicroelectronics ST52T410 Datasheet HTML 16Page - STMicroelectronics ST52T410 Datasheet HTML 17Page - STMicroelectronics ST52T410 Datasheet HTML 18Page - STMicroelectronics ST52T410 Datasheet HTML 19Page - STMicroelectronics ST52T410 Datasheet HTML 20Page - STMicroelectronics ST52T410 Datasheet HTML 21Page - STMicroelectronics ST52T410 Datasheet HTML 22Page - STMicroelectronics ST52T410 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
ST52T410/ST52T420/E420
19/84
2.3.3 Configuration Registers.
The ST52T410/ST52x420 configuration Registers
allow the configuration of all the blocks of the fuzzy
microcontroller. Table 2.3 describes the functions
and the related peripherals of each of the
Configuration
Registers.
By
using
the
load
instructions, the Configuration Registers can be
set by using values stored in the Program Memory
(EPROM) or in RAM.
Use and meaning of each register will be described
in further details in the corresponding section.
Table 2.2 Input Registers
IR MNEMONIC NAME
PERIPHERAL REGISTER
ADDRESS
STACK_POINTER
STACK POINTER
0
CHAN 0 (*)
A/D CHANNEL 0 (*)
1
CHAN 1 (*)
A/D CHANNEL 1 (*)
2
CHAN 2 (*)
A/D CHANNEL 2 (*)
3
CHAN 3 (*)
A/D CHANNEL 3 (*)
4
CHAN 4 (*)
A/D CHANNEL 4 (*)
5
CHAN 5 (*)
A/D CHANNEL 5 (*)
6
CHAN 6 (*)
A/D CHANNEL 6 (*)
7
CHAN 7 (*)
A/D CHANNEL 7 (*)
8
PORT_A
PORT A INPUT REGISTER
9
PORT_B
PORT B INPUT REGISTER
10
PORT_C
PORT C INPUT REGISTER
11
PWM_ 0_COUNT
PWM/TIMER 0 COUNTER
12
PWM_ 0_ STATUS
PWM/TIMER 0 STATUS REGISTER
13
PWM_ 1_ COUNT
PWM/TIMER 1 COUNTER
14
PWM_ 1_ STATUS
PWM/TIMER 1 STATUS REGISTER
15
PWM_ 2_ COUNT
PWM/TIMER 2 COUNTER
16
PWM_ 2_ STATUS
PWM/TIMER 2 STATUS REGISTER
17
Table 2.3 Configuration Registers
CONFIGURATION REGISTER
PERIPHERAL
DESCRIPTION
REG_CONF 0
INTERRUPT MASK
Interrupts mask setting
REG_CONF 1
INTERRUPT PRIORITY
INTERRUPT PRIORITY
REG_CONF 2
WATCHDOG TIMER
Watchdog Timer Configuration
REG_CONF 3 (*)
A/D CONVERTER
A/D configuration
REG_CONF 4
PORT A
Set the relative bit like digital input
or digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com