Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 11Page - STMicroelectronics ST52T410 Datasheet HTML 12Page - STMicroelectronics ST52T410 Datasheet HTML 13Page - STMicroelectronics ST52T410 Datasheet HTML 14Page - STMicroelectronics ST52T410 Datasheet HTML 15Page - STMicroelectronics ST52T410 Datasheet HTML 16Page - STMicroelectronics ST52T410 Datasheet HTML 17Page - STMicroelectronics ST52T410 Datasheet HTML 18Page - STMicroelectronics ST52T410 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
ST52T410/ST52T420/E420
15/84
2 INTERNAL ARCHITECTURE
ST52T410/ST52x420 are made up of the following
blocks and peripherals:
I Control Unit (CU) and Data Processing Unit
(DPU)
I ALU / Fuzzy Core
I EPROM
I 128 Byte RAM
I Clock Oscillator
I Analog Multiplexer and A/D Converter
(ST52x420 only)
I 3 PWM / Timers
I Digital I/O port
2.1 ST52T410/ST52x420 Operating Modes
ST52T410/ST52x420
works
in
two
modes,
Programming and Working Modes, depending on
the control signals level RESET, TEST and VPP
The Operating modes are selected by setting the
control signal level as specified in the Control
Signals Setting table.
2.2 Control Unit and Data Processing Unit
The Control Unit (CU) formally includes five main
blocks. Each block decodes a set of instructions,
generating the appropriate control signals. The
main parts of the CU are illustrated in Figure 2.1.
The five different parts of the CU manage Loading,
Logic/Arithmetic, Jump, Control and the Fuzzy
instruction set.
The block called “Collector” manages the signals
deriving from the different parts of the CU, defining
the signals for the Data Processing Unit (DPU) and
the different peripherals of the microcontroller.
The block called “Arbiter” manages the different-
parts of the CU so that only one part of the system
is activated during working mode.
The CU structure is very flexible. It was designed
with the purpose of easily adapting the core of the
microcontroller to market needs. New instruction
sets or new peripherals can be easily included
without
changing
the
structure
of
the
microcontroller, maintaining code compatibility.
The CU reads the instructions stored on EPROM
(Fetch) and decodes them. According to the
instruction types, the arbiter activates one of the
main blocks of the CU. Afterwards, all the control
signals for the DPU are generated.
A set of 46 different arithmetic, fuzzy and logic
instructions is available. Each instruction requires
6 (fuzzy instructions) to 26 (DIVISION) clock
pulses to be performed.
The DPU receives, stores and sends instructions
deriving from EPROM, RAM or peripherals in order
to execute them.
2.2.1 Program Counter.
The Program Counter (PC) is a 12-bit register that
contains the address of the next memory location
to be processed by the core. This memory location
may be an opcode, operand, or an address of an
operand.
The 12-bit length allows direct addressing of a
maximum of 4,096 bytes in the program space.
After having read the current instruction address,
the PC value is incremented. The result of this
operation is shifted back into the PC.
The PC can be changed in the following ways:
I JP (Jump)PC = Jump Address
I InterruptPC = Interrupt Vector
I RETIPC = Pop (stack)
I RETPC = Pop (stack)
I CALLPC = Subroutines address
I ResetPC = Reset Vector
I Normal InstructionPC = PC + 1
2.2.2 Flags.
The ST52T410/ST52x420 core includes a differ-
ent set of flags that correspond to 2 different
modes: normal mode and interrupt mode. Each
set of flags consists of a CARRY flag (C), ZERO
flag (Z) and SIGN flag (S).
One set (CN, ZN, SN) is used during normal
operation and one is used during interrupt mode
(CI, ZI, SI). Formally, the user has to manage
only one set of flags: C, Z and S.
Table 2.1 Control Signals Setting
Control
Signal
Pro-
gramming
Reset
Working
RESET
VSS
VSS
VDD
TEST
VSS
VSS
VSS
VPP
12 V
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com