Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 33Page - STMicroelectronics ST52T410 Datasheet HTML 34Page - STMicroelectronics ST52T410 Datasheet HTML 35Page - STMicroelectronics ST52T410 Datasheet HTML 36Page - STMicroelectronics ST52T410 Datasheet HTML 37Page - STMicroelectronics ST52T410 Datasheet HTML 38Page - STMicroelectronics ST52T410 Datasheet HTML 39Page - STMicroelectronics ST52T410 Datasheet HTML 40Page - STMicroelectronics ST52T410 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
ST52T410/T420/E420
37/84
6 FUZZY COMPUTATION (DP)
The ST52T410/ST52x420 Decision Processor
(DP) main features are:
I Up to 8 Inputs with 8-bit resolution;
I 1 Kbyte of Program/Data Memory available to
store more than 300 to Membership Functions
(Mbfs) for each Input;
I Up to 128 Outputs with 8-bit resolution;
I Possibility of processing fuzzy rules with an
UNLIMITED number of antecedents;
I UNLIMITED number of Rules and Fuzzy Blocks.
The limits on the number of Fuzzy Rules and
Fuzzy program blocks are only related to the
Program/Data Memory size.
6.1 Fuzzy Inference
The block diagram shown in Figure 6.1 describes
the different steps performed during a Fuzzy
algorithm. The ST52T410/ST52x420 Core allows
for the implementation of a Mamdani type fuzzy
inference with crisp consequents. Inputs for fuzzy
inference are stored in 8 dedicated Fuzzy input
registers. The LDFR instruction is used to set the
Input Fuzzy registers with values stored in the
Register File. The result of a Fuzzy inference is
stored directly in a location of the Register File.
6.2 Fuzzyfication Phase
In this phase the intersection (alpha weight)
between the input values and the related Mbfs
(Figure 6.2) is performed.
Eight Fuzzy Input registers are available for Fuzzy
inferences.
Figure 6.1 Fuzzy Inference
Figure 6.2 Alpha Weight Calculation
After loading the input values by using the LDFR
assembler instruction, the user can start the fuzzy
inference
by
using
the
FUZZY
assembler
instruction. During fuzzyfication: input data is
transformed in the activation level (alpha weight) of
the Mbf’s.
6.3 Inference Phase
The Inference Phase manages the alpha weights
obtained during the fuzzyfication phase to compute
the truth value (
ω) for each rule.
This is a calculation of the maximum (for the OR
operator) and/or minimum (for the AND operator)
performed on alpha values according to the logical
connectives of Fuzzy Rules.
Several conditions may be linked together by
linguistic connectives AND/OR, NOT operators
and brackets.
The truth value
ω and the related output singleton
are used by the Defuzzyfication phase, in order
to complete the inference calculation.
11
1m
n1
nm
FUZZYFICATION
INFERENCE
PHASE
DEFUZZYFICATION
N rules
N rules -1
2
1
Input Values
Output Values
1
αij
j-th Mbf
i-th INPUT VARIABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com