Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 47Page - STMicroelectronics ST52T410 Datasheet HTML 48Page - STMicroelectronics ST52T410 Datasheet HTML 49Page - STMicroelectronics ST52T410 Datasheet HTML 50Page - STMicroelectronics ST52T410 Datasheet HTML 51Page - STMicroelectronics ST52T410 Datasheet HTML 52Page - STMicroelectronics ST52T410 Datasheet HTML 53Page - STMicroelectronics ST52T410 Datasheet HTML 54Page - STMicroelectronics ST52T410 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
ST52T410/ST52T420/E420
51/84
9.2 Register Description
The WDT timeout is defined by setting the value of
the REG_CONF 2. The first 4 bits of this register
are
used,
obtaining
16
different
delays
as
illustrated in Table 9.2. In Table 9.2 timeout is
expressed by using the number of WDT CLK. The
WDT CLK is derived from the clock master by a
division factor of 500. Timeout is obtained by
multiplying the WDT CLK pulse length for the
number of pulses defined by the configuration
register REG_CONF 2. Table 9.4 illustrates the
pulse lengths for typical values of the clock master.
Table 9.3 illustrates the timeout WDT values when
the Master Clock is 5 MHz.
Table 9.2 WDT REG_CONF 2
Bit
Name
Value
Timeout Values (WDT)
0
D(3:0)
0000
1
0001
625
0010
1250
0011
1875
1
0100
2500
0101
3125
0110
3750
0111
4375
2
1000
5000
1001
5625
1010
6250
1011
6875
3
1100
7500
1101
8125
1110
8750
1111
9375
4-7
NC
x
Not Used
Reset Configuration ‘0000’
Table 9.3 Timeout Values with CLK = 5 MHz
Bit
Name
Value
Timeout Values (ms)
0
D (3:0)
0000
0.1
0001
62.5
0010
125
0011
187.5
1
0100
250
0101
312.5
0110
375
0111
437.5
2
1000
500
1001
562.5
1010
625
1011
687.5
3
1100
750
1101
812.5
1110
875
1111
937.5
4-7
NC
x
Not Used
Reset Configuration ‘0000’
Table 9.4 Typical WDT CLK Pulse Length
MASTER CLK
(MHz)
WDT CLK
(KHz)
WDT CLK
PULSE
LENGTH (ms)
48
0.125
510
0.1
816
0.0625
10
20
0.05
20
40
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com