Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 65Page - STMicroelectronics ST52T410 Datasheet HTML 66Page - STMicroelectronics ST52T410 Datasheet HTML 67Page - STMicroelectronics ST52T410 Datasheet HTML 68Page - STMicroelectronics ST52T410 Datasheet HTML 69Page - STMicroelectronics ST52T410 Datasheet HTML 70Page - STMicroelectronics ST52T410 Datasheet HTML 71Page - STMicroelectronics ST52T410 Datasheet HTML 72Page - STMicroelectronics ST52T410 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
ST52T410/ST52T420/E420
69/84
11.4 Supply Current Characteristics
Supply current is mainly a function of the operating
voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type,
internal code execution pattern and temperature,
also have an impact on the current consumption.
The test condition in RUN mode for all the IDD
measurements are:
OSCin = external square wave, from rail to rail;
OSCout = floating;
All I/O pins tristated pulled to VDD
TA=25
°C
Figure 11.4 Typical IDD in RUN vs fosc
Figure 11.5 Typical IDD in WAIT vs fosc
Table 11.5 Supply Current in RUN and WAIT Mode
Symbol
Parameter
Conditions
Typ
Max3)
Unit
IDD
Supply current in RUN mode 1)
VDD=5V±5%
TA=25
°C
fosc=2 Mhz
4.34
4.34
mA
fosc=4 Mhz
7.66
7.72
fosc=5 Mhz
8.75
8.81
fosc=8 Mhz
12.67
12.89
fosc=10
15.04
15.13
fosc=20
27.3
27.48
Supply current in WAIT mode2)
fosc=2 MHz
1.14
1.16
fosc=4 MHz
3.38
3.39
fosc=5 MHz
3.63
3.71
fosc=8 Mhz
5.63
5.68
fosc=10
6.29
6.31
fosc=20
13.22
13.3
0
5
10
15
20
25
30
35
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD[V]
2MHz
4MHz
5MHz
8MHz
10MHz
20MHz
0
2
4
6
8
10
12
14
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD[V]
2MHz
4MHz
5MHz
8MHz
10MHz
20MHz
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load),
all peripherals switched off; clock input (OSCin driven by external square wave).
2. CPU in WAIT mode with all I/O pins in input mode with a static value at VDD or VSS (no load), all
peripherals switched off; clock input (OSCin driven by external square wave).
3. Data based on characterization results, tested in production at VDDmax and foscmax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com