Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T410 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 66Page - STMicroelectronics ST52T410 Datasheet HTML 67Page - STMicroelectronics ST52T410 Datasheet HTML 68Page - STMicroelectronics ST52T410 Datasheet HTML 69Page - STMicroelectronics ST52T410 Datasheet HTML 70Page - STMicroelectronics ST52T410 Datasheet HTML 71Page - STMicroelectronics ST52T410 Datasheet HTML 72Page - STMicroelectronics ST52T410 Datasheet HTML 73Page - STMicroelectronics ST52T410 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
ST52T410/ST52T420/E420
70/84
Notes:
1. Typical data is based on TA = 25
°C
2. All I/O pins in input mode with a static value at VDD or VSS (no load)
Notes:
3. Typical data is based on TA=25°C, VDDA=5 V.
4. Data is based on characterization results and isn’t tested in production.
Table 11.6 Supply Current in HALT Mode
Symbol
Parameter
Conditions
Typ1)
Max
Unit
IDDA
Supply current in HALT mode2)
3.0 V
≤ VDD ≤ 5.5 V
1
10
µA
Table 11.7 On-Chip Peripheral
Symbol
Parameter
Conditions
Typ3
Max4
Unit
IDDA
ADC Supply current when converting
fosc=20MHz, VDDA = 5 ±5% V,
VssA = Vss
VSSA=VSS
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com