Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 12Page - Monolithic Power Systems MP6004 Datasheet HTML 13Page - Monolithic Power Systems MP6004 Datasheet HTML 14Page - Monolithic Power Systems MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
16
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
DCM Detection
The
MP6004
regulator
operates
in
discontinuous conduction mode in both flyback
and buck modes.
In flyback mode, the MP6004 detects the falling
edge of the FB1 voltage in each cycle. The
second cycle switching will not start unless the
chip detects a 50 mV falling edge on FB1.
In buck mode, the MP6004 detects the falling
edge of the SW voltage in each cycle. The
second cycle switching will not start unless the
chip detects 0.14 V falling edge between
VSW-VIN.
Over-Voltage & Open-Circuit Protection
In flyback mode, the MP6004 includes over-
voltage protection (OVP) and open-circuit
protection. If the voltage at FB1 exceeds 125
percent of VREF1 (or FB1’s -60 mV falling edge
cannot be detected because the feedback
resistor is removed), immediately the MP6004
shuts off the driving signal and enters hiccup
mode by re-charging the internal capacitor. The
MP6004 resumes normal operation when the
fault is removed.
In buck mode, if the voltage at FB2 is higher
than the reference voltage, the MP6004 stops
switching immediately.
Over-Load Protection
MP6004 will always work in DCM mode for any
condition.
In flyback mode, the secondary-side diode
conduction duty cycle is limited to about 80
percent. In an over-load condition, the output
energy is limited by IPK and FS. With a heavier
load, the output drops and the diode conduction
period becomes longer. This causes the
switching frequency to drop so that the output
energy can be limited. The MP6004 has same
protection logic for an over-load/output-short
condition.
In buck mode, the duty cycle limitation does not
apply, but the output current is limited to half of
IPK.
Thermal Shutdown
When the junction temperature exceeds 150°C,
the MP6004 shuts down. Once the temperature
drops below 130°C, the part
re-starts
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com