Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 10Page - Monolithic Power Systems MP6004 Datasheet HTML 11Page - Monolithic Power Systems MP6004 Datasheet HTML 12Page - Monolithic Power Systems MP6004 Datasheet HTML 13Page - Monolithic Power Systems MP6004 Datasheet HTML 14Page - Monolithic Power Systems MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
14
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
Start-Up and Power Supply
MP6004 features an 80 V start-up circuit. When
VIN is higher than 4.3 V, the capacitor at VCC is
charged through the internal LDO. Normally VCC
is regulated at 5.4 V (if VIN is high enough),
and the VCC UVLO is 4.7 V, typically. With the
exception of VCC UVLO, the MP6004 has an
additional 11.6 V VIN UVLO. When VIN is higher
than the 11.6 V UVLO, VCC is charged higher
than the 4.7 V UVLO, and EN pin is high,
MP6004 starts switching.
VCC can be powered from the transformer
auxiliary winding to save IC power loss. Refer
to the “Vcc Power Supply Setting” section on
page 18 for more details.
Flyback and Buck Mode
MP6004 supports both flyback and buck
topology applications. Connect MODE to GND
to set the MP6004 in flyback mode, and float
MODE to set the MP6004 in buck mode. MODE
is pulled up internally to VCC through a 1.5 µA
current source. Do not connect MODE to VIN in
buck mode, and do not place a resistor
between MODE and GND in flyback mode.
Switching Work Principle
After start-up, MP6004 works in discontinuous
conduction mode (DCM). The second switching
cycle will not start until the inductor current
drops to 0 A. In each cycle, the internal
MOSFET is turned on, and the current-sense
circuit senses the current IP(t) internally.
Use Equation (1) to calculate the rate at which
the current rises linearly in flyback mode:
p(t)
IN
M
dI
V
dt
L
=
(1)
When IP(t) rises up to IPK, the internal MOSFET
turns off (see Figure 2). The energy stored in
the primary-side inductance transfers to the
secondary-side through the transformer.
Figure 2—Primary-side current waveform
The primary-side inductance (LM) stores energy
in each cycle as a function of Equation (2):
2
MPK
1
EL I
2
=
(2)
Calculate the power transferred from the input
to the output with Equation (3):
2
MPK S
1
PL I F
2
=
(3)
Where FS is the switching frequency. When IPK
is constant, the output power depends on FS
and LM.
Use Equation (4) to calculate the rate at which
the current rises linearly in buck mode:
p(t)
IN
OUT
M
dI
VV
dt
L
−
=
(4)
The internal MOSFET turns off when IP(t) rises
to IPK (see Figure 3). The output current is
calculated with Equation (5):
OUT
PK
1
IDI
2
=
(5)
Where, D is the inductor current conducting
duty cycle.
Figure 3—Inductor current waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com