Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 13Page - Monolithic Power Systems MP6004 Datasheet HTML 14Page - Monolithic Power Systems MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
17
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
EN Control Setting
MP6004 turns on when EN goes high, and it
turns off when EN goes low. EN is pulled low
internally by an approximate 0.9 MΩ resistor.
In flyback mode, the maximum on time is
limited at about 8 μs. The secondary-side
rectifier diode conduction time should be longer
than 3 μs for FB1 feedback sampling. If VIN
decreases and the inductor current cannot
ramp the IPK to setting value within the
maximum on time, the diode conduction time
decreases to less than 3 μs, causing FB1
feedback sample failure. The MP6004 treats
this failure as a VOUT drop and generates more
pulses, causing VOUT to overshoot. In this
condition, EN can be used to program VIN
UVLO and shuts down the part before VIN drops
(triggering the maximum on time). Since the EN
high-level voltage is 3.9 V and the low-level
voltage is 1.3 V, it is hard to program the VIN
UVLO with a small hysteresis. In this condition,
one resistor divider and one Zener diode is
recommended (see Figure 4).
Figure 4—VIN UVLO setting with EN control
For example, the MP6004 should be turned on
before VIN rises to 36 V and shut down before
VIN drops to 20 V. One 20 V Zener diode (D4)
and a resistor divider (R5 = 100 kΩ/R6 = 49.9
kΩ) can be selected to program the VIN UVLO.
The programmed VIN rising threshold can be
calculated with Equation (8):
IN_R
100k
49.9k
V
20V
3.9V
31.7V
49.9k
Ω+
Ω
<+
×
=
Ω
(8)
The programmed VIN falling threshold is
calculated with Equation (9):
IN_F
100k
49.9k
V
20V
1.3V
23.9V
49.9k
Ω+
Ω
>+
×
=
Ω
(9)
In buck mode, FB2 feedback is not affected by
the rectifier diode conduction time, but the
Zener
diode
and
resistor
divider
are
recommended to set the appropriate VIN UVLO.
There is an internal Zener diode on EN, which
clamps the EN voltage to prevent runaway. The
maximum pull-up current for the internal Zener
clamp (assuming 6.5 V) should be less than 0.5
mA. If EN is driven with an external signal, use
a signal voltage less than 6.5 V or connect EN
to the signal through a pull-up resistor that
ensures the maximum pull-up current is less
than 0.5 mA. If using a resistor divider (see
Figure 4) and VIN-VZENER is higher than 6.5 V,
the minimum resistance for the pull-up resistor
R5 should be calculated with Equation (10):
IN
ZENER
VV
6.5V
6.5V
0.5mA
R5
R6
−−
−<
(10)
VCC Power Supply Setting
The VCC voltage is charged through the internal
LDO by VIN. Normally, VCC is regulated at 5.4 V,
typically. A capacitor no less than 1 µF is
recommended for decoupling between VCC and
GND.
In flyback mode, VCC can be powered from the
transformer auxiliary winding to save the high-
voltage LDO power loss.
Figure 5—Supply VCC from auxiliary winding
The auxiliary winding supply voltage can be
calculated with Equation (11):
A
CC
OUT
D1F
D3F
S
N
V(V
V ) V
N
=×
+
−
(11)
Where NA and NS are the turns of the auxiliary
winding and the output winding, VD1F is the
output rectifier diode voltage drop, and VD3F is
the D3 voltage drop in Figure 5.
VCC voltage is clamped at about 6.2 V by one
internal Zener diode. The clamp current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com