Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 8Page - Monolithic Power Systems MP6004 Datasheet HTML 9Page - Monolithic Power Systems MP6004 Datasheet HTML 10Page - Monolithic Power Systems MP6004 Datasheet HTML 11Page - Monolithic Power Systems MP6004 Datasheet HTML 12Page - Monolithic Power Systems MP6004 Datasheet HTML 13Page - Monolithic Power Systems MP6004 Datasheet HTML 14Page - Monolithic Power Systems MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
12
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN#
Name
Description
1, 2
GND
Switching converter power return
.
3
EN
Regulator on/off control input.
EN can program VIN UVLO start-up through a Zener
diode and a resistor divider.
4,12
NC
No connection.
NC is not connected internally. Float NC or connect to GND in layout.
5
VIN
Positive power supply terminal.
6
FB2
Feedback for non-isolated buck solution.
Connect FB2 to VIN in flyback application.
7
MODE
Buck mode or flyback mode select pin.
MODE is pulled up internally to VCC through a
1.5 µA current source. Float MODE for buck application mode; connect MODE to GND for
flyback application mode.
8
FB1
Feedback for flyback solution.
Connect FB1 to GND in buck application.
9
ILIM
IC switching current limit program pin.
Connect ILIM to GND through a resistor to
program the peak current limit.
10
AGND Analog power return for switching converter control circuit.
11
VCC
Supply bias voltage pin, powered through internal LDO from VIN
. It is recommended
to connect a capacitor (no less than 1 µF) between VCC and GND.
13,14
SW
Drain of converter switching MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com