Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems MP6004 Datasheet HTML 22Page - Monolithic Power Systems MP6004 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
22
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
PGND
PGND
PGND
PGND
12 V@1 A
2.2 µF
C1A
49.9 k
R6
100 k
R5
200 V
D2
PGND
PGND
AGND
36 V-72 V
VOUT
1 µF
C3
1nF/2000 V
C6
Np2
Np1
Ns
T1
220 µF
C2C
VIN
ILIM
MODE
FB1
SW
GND
AGND
VCC
EN
U1
MP6004
PGND
56.2 k
R1
20 k
R2
SBR8U60P5
D1
22 µF
C2A
AGND
52.3 k
R3
PGND
AGND
20Ω
R7
1 nF
C5
22 µF
C2B
VCC
VCC
D3
47 µF
C1B
10 k
R4
10 nF
C4
1 k
R8
VOUTGND
VINGND
20 V
D4
Figure 10—Flyback application circuit, VIN = 36 V-72 V, VOUT = 12 V, IOUT =1 A
Figure 11—Buck application circuit, VIN = 36 V-72 V, VOUT = 12 V, IOUT = 1 A
2.2 µF
49.9 k
100 k
1 µF
100 µF
ILIM
MODE
FB1
SW
GND
AGND
VCC
EN
MP6004
20 k
33 k
22 µF
43.2 k
47 µF
10 µH
L1
GND
GND
GND
GND
GND
GND
20 V
Figure 12—Buck application circuit, VIN = 36 V-72 V, VOUT = 5 V, IOUT = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com