Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems MP6004 Datasheet HTML 22Page - Monolithic Power Systems MP6004 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
19
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TCON is the rectifier diode current conducting
time and can be calculated with Equation (17):
SLIM
M
CON
POUT
D1F
NI
L
T
N(V
V )
××
=
×+
(17)
Where, NS is the transformer secondary-side
winding turns.NP is the transformer primary-side
winding turns.
TDELAY is the resonant delay time from the
rectifier diode current drop to 0 A to the
auxiliary-winding voltage drop to 0 V. The
resonant time can be tested on the board
(estimate around 0.5 μs).
In flyback mode, the MP6004 samples the
feedback signal within 3 μs after the primary-
side MOSFET turns off. The secondary-side
diode conduction time in Equation (17) should
be higher than 3 μs. This time period, combined
with the duty cycle, determines the maximum
frequency.
Input Capacitor Selection
An input capacitor is required to supply the AC
ripple current to the inductor while limiting noise
at the input source. A low ESR capacitor is
required to keep the noise to the IC at a
minimum. Ceramic capacitors are preferred, but
tantalum or low ESR electrolytic capacitors will
suffice. For ceramic capacitors, the capacitance
dominates the impedance at the switching
frequency. The ripple will be the worst at light
load. The required input capacitance can be
estimated with Equation (18):
LIM
ON
1
INP _ P
0.5 I
T
C
V
××
=
(18)
Where C1 is the input capacitor value, VINP-P is
the expected input ripple, and TON is the
MOSFET turn-on time.
In an isolated application, TON is calculated with
Equation (19):
LIM
M
ON
IN
IL
T
V
×
=
(19)
In a non-isolation application, TON is calculated
with Equation (20):
LIM
ON
IN
OUT
IL
T
VV
×
=
−
(20)
Where L is the buck`s inductor value.
Output Capacitor Selection
The output capacitor maintains the DC output
voltage.
For
best
results,
use
ceramic
capacitors or low ESR capacitors to minimize
the
output
voltage
ripple.
For
ceramic
capacitors, the capacitance dominates the
impedance at the switching frequency.
In flyback application, the worst output ripple
occurs under a light-load condition; the worst
output ripple can be estimated by Equation (21):
PLIM
CON
OUTP _ P
S
0.5 N
I
T
V
NC2
××
×
=
×
(21)
Where,
C2 is the output capacitor value.
VOUTP-P is the output ripple.
Normally, a 44 μF or higher ceramic capacitor is
recommended as the output capacitor. This
allows a small Vo ripple and stable operation.
In buck application, the worst Vout ripple can be
estimated with Equation (22):
2
LIM
IN
D1F
OUTP _ P
IN
OUT
OUT
D1F
0.5 I
L (V
V )
V
C2 (V
V
) (V
V )
×× ×
+
=
×−
×
+
(22)
Leakage Inductance
The
transformer’s
leakage
inductance
decreases system efficiency and affects the
output current and voltage precision. Optimize
the transformer structure to minimize the
leakage
inductance.
Aim
for
a
leakage
inductance less than 3 percent of the primary-
winding inductance.
RCD Snubber for Flyback
The transformer leakage inductance causes
spikes and excessive ringing on the MOSFET
drain voltage waveform, affecting the output
voltage sampling 0.7 µs after the MOSFET
turns off. The RCD snubber circuit limits the SW
voltage spike (see Figure 7).
Figure 7—RCD snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com