Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6004 Datasheet HTML 1Page - Monolithic Power Systems MP6004 Datasheet HTML 2Page - Monolithic Power Systems MP6004 Datasheet HTML 3Page - Monolithic Power Systems MP6004 Datasheet HTML 4Page - Monolithic Power Systems MP6004 Datasheet HTML 5Page - Monolithic Power Systems MP6004 Datasheet HTML 6Page - Monolithic Power Systems MP6004 Datasheet HTML 7Page - Monolithic Power Systems MP6004 Datasheet HTML 8Page - Monolithic Power Systems MP6004 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP6004
Primary-Side Regulated Flyback/Buck
80V DCDC Converter
MP6004 Rev. 1.0
www.MonolithicPower.com
1
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6004 is a monolithic flyback dc-dc
converter with a 180 V power switch that
targets isolated or non-isolated 13 W PoE
applications. It supports both primary-side
regulated
flyback
and
high-voltage
buck
applications.
MP6004 uses fixed peak current and variable
frequency
discontinuous
conduction
mode
(DCM) to regulate constant output voltage. The
primary-side regulation without opto-coupler
feedback in flyback mode simplifies the design
and saves BOM cost while buck mode
minimizes the solution size for non-isolated
applications. A 180 V integrated power
MOSFET optimizes the device for various wide
voltage applications.
The MP6004 protection features include over-
load protection, over-voltage protection, open-
circuit protection, and thermal shutdown.
The MP6004 is available in a QFN-14
3mm x 3mm package.
FEATURES
• Supports Primary-Side Regulated Flyback
without Opto-Coupler Feedback
• Supports Buck from Up to 80 V Input
• Integrated 180 V Switching Power MOSFET
• Internal 80 V Start-Up Circuit
• Up to 3 A Programmable Current Limit
• Discontinuous Conduction Mode
• OLP, OVP, Open-Circuit, and Thermal
Protection
• Flexible Self-Power or External VCC Power
• Minimal External Component Count
• Available in a QFN-14 3mm x 3mm
Package
APPLICATIONS
• Security Cameras
• VoIP Phones
• WLAN Access Points
• General Flyback and Buck Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6004

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6004GQ MPS-MP6004GQ Datasheet
1Mb / 8P
Primary-side Regulate Flyback Evaluation Board
MP6004GQ MPS-MP6004GQ Datasheet
617Kb / 7P
80V Buck Converter Evaluation Board
More results

Similar Description - MP6004

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
logo
Fairchild Semiconductor
AN-8033 FAIRCHILD-AN-8033 Datasheet
825Kb / 16P
Primary Side Regulated (PSR) Flyback Converter
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
logo
Artesyn Technologies
AGH100-48S3V3P-4L ARTESYN-AGH100-48S3V3P-4L Datasheet
505Kb / 2P
Half Brick Fully Regulated DCDC Converter
logo
Diodes Incorporated
AP3965 DIODES-AP3965 Datasheet
452Kb / 13P
PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
Rev 3
logo
Monolithic Power System...
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
ON Semiconductor
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com