Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems MP6004 Datasheet HTML 22Page - Monolithic Power Systems MP6004 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
20
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The power dissipation in the snubber circuit is
estimated with Equation (23):
2
SN
K
LIM
S
1
PL
I
F
2
=×
×
×
(23)
Where, LK is the leakage inductance.
Since R4 consumes the majority of the power,
R4 is estimated with Equation (24):
2
SN
SN
V
R4
P
=
(24)
Where, VSN is the expected snubber voltage on
C4.
The snubber capacitor C4 can be designed to
get appropriate voltage ripple on the snubber
using Equation (25):
SN
SN
S
V
V
R4 C4 F
Δ=
××
(25)
Generally, a 15 percent ripple is acceptable.
Buck Inductor Selection
The inductor is required to transfer the energy
between the input source and the output
capacitors. Unlike normal application where
inductors determine the inductor ripple, the
MP6004 always works in DCM while VIN, VOUT,
and ILIM are constant. The inductor only
determines the speed of the current rising and
falling, which determines the switching period.
The
expected
maximum
frequency
can
determine the inductor value using Equation
(26):
IN
OUT
OUT
D1F
IN
D1F
PEAK
SW
(V
V
) (V
V )
1
L
(V
V ) I
F
−×
+
≈×
+×
(26)
FSW is the expected maximum switching
frequency, which should be lower than 200 kHz
in general setting.
Output Diode Selection
The output rectifier diode supplies current to the
output capacitor when the internal MOSFET is
off. Use a Schottky diode to reduce loss due to
the diode forward voltage and recovery time.
In isolation application, the diode should be
rated for a reverse voltage greater than
Equation (27):
IN
S
D1
OUT
PD1
P
VN
VV
V
N
×
=+
+
(27)
VPD1 can be selected at 40 percent ~100
percent of VOUT + VIN x NS/NP. An RC or RCD
snubber circuit for the output diode D1 is
recommended.
In buck mode, the diode reverse voltage
equates to the input voltage. A 20 percent ~ 40
percent margin is recommended.
In both applications, the current rating should
be higher than the maximum output current.
Dummy Load
When the system operates without a load in
flyback mode, the output voltage rises above
the normal operation voltage because of the
minimum switching frequency limitation. Use a
dummy load for good load regulation. A large
dummy load decreases efficiency, so the
dummy load is a tradeoff between efficiency
and load regulation. For applications using
Figure 10, a minimum load of around 10 mA is
recommended.
PCB Layout Guidelines
Efficient
PCB
layout
for
high-frequency
switching power supplies is critical. Poor layout
may result in reduced performance, excessive
EMI, resistive loss, and system instability. For
best results, refer to Figure 8 and Figure 9 and
follow the guidelines below:
For flyback application:
1. Keep the input loop as short as possible
between the input capacitor, transformer,
SW, and GND plane for minimal noise and
ringing.
2. Keep the output loop between the rectifier
diode, the output capacitor, and the
transformer as short as possible.
3. Keep the clamp loop circuit between D2, C4,
and the transformer as small as possible.
4. Place the VCC capacitor close to VCC for
the best decoupling. The current setting
resistor R3 should be placed as close to
ILIM and AGND as possible.
5. Keep the feedback trace far away from
noise sources (such as SW). The trace
connecting FB1 should be short.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com