Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP6004 Datasheet HTML 15Page - Monolithic Power Systems MP6004 Datasheet HTML 16Page - Monolithic Power Systems MP6004 Datasheet HTML 17Page - Monolithic Power Systems MP6004 Datasheet HTML 18Page - Monolithic Power Systems MP6004 Datasheet HTML 19Page - Monolithic Power Systems MP6004 Datasheet HTML 20Page - Monolithic Power Systems MP6004 Datasheet HTML 21Page - Monolithic Power Systems MP6004 Datasheet HTML 22Page - Monolithic Power Systems MP6004 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
21
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
6. Use a single point connection between
power GND and signal GND. Vias around
GND
and
the
thermal
pad
are
recommended to lower the die temperature.
Figure 8—Recommended flyback layout
For buck application:
1. Keep the input loop as short as possible
between the input capacitor, rectifier diode,
SW, and GND plane for minimal noise and
ringing.
2. Keep the output loop between the rectifier
diode, the output capacitor, and the inductor
as short as possible.
3. Place the VCC capacitor close to VCC for
the best decoupling. The current setting
resistor R3 should be placed as close to
ILIM and AGND as possible.
4. Connect the output voltage sense and VIN
power supply from the output capacitor with
parallel traces. The feedback trace should
be far away from noise sources (such as
SW). The trace connected to FB2 should be
short.
5. Use a single point connection between
power GND and signal GND. Vias around
GND
and
the
thermal
pad
are
recommended to lower the die temperature.
1
2
1
2
1
2
Top Layer
Bottom Layer
Via
VIN
VINGND
VOUT
VOUTGND
Figure 9—Recommended buck layout
Design Example
Table 1 shows a design example following the
application
guidelines
for
the
following
specifications in flyback applications:
Table 1—Flyback design example
VIN
36 V-72 V
VOUT
12 V
IOUT
0 A-1 A
The typical application circuit for VOUT = 12 V in
Figure 10 shows the detailed application
schematic and is the basis for the typical
performance waveforms. For more detailed
device applications, please refer to the related
evaluation board datasheet.
Table 2 shows a design example following the
application
guidelines
for
the
following
specifications in buck applications:
Table 2—Buck design example
VIN
36 V-72 V
VOUT
12 V
IOUT
0 A-1 A
The typical application circuit is shown in Figure
11. For more detailed device applications,
please refer to the related evaluation board
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com