Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6004 Datasheet HTML 1Page - Monolithic Power Systems MP6004 Datasheet HTML 2Page - Monolithic Power Systems MP6004 Datasheet HTML 3Page - Monolithic Power Systems MP6004 Datasheet HTML 4Page - Monolithic Power Systems MP6004 Datasheet HTML 5Page - Monolithic Power Systems MP6004 Datasheet HTML 6Page - Monolithic Power Systems MP6004 Datasheet HTML 7Page - Monolithic Power Systems MP6004 Datasheet HTML 8Page - Monolithic Power Systems MP6004 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
4
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48 V, VEN = 5 V, VOUT = 12 V, TJ = -40°C to 125°C, typical value is tested at 25°C, unless
otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Power supply and UVLO
VIN UVLO rising threshold
VIN-R
VIN rising
10.5
11.6
12.8
V
VIN UVLO falling threshold
VIN-F
VIN falling
7.4
8.2
9
V
VCC regulation
(9)
VCC
Load = 0 mA to 10 mA
4.8
5.4
5.9
V
VCC UVLO rising
threshold
(9)
VCC-R
VIN is higher than UVLO, Vcc
rising
4.3
4.7
5.1
V
VCC UVLO falling
threshold
(9)
VCC-F
VIN is higher than UVLO, Vcc
falling
4
4.5
4.8
V
Quiescent current
IQ
VFB1 = 2.2 V, VFB2 = VIN
380
μA
EN high-level voltage
3.9
V
EN low-level voltage
1.3
V
EN input current
5.5
7.5
μA
Voltage feedback
Respect to GND, TJ = 25°C
1.94
1.99
2.04
V
FB1 reference voltage
VREF1
Respect to GND, TJ = -40°C to
+125°C
1.93
1.99
2.05
V
FB1 leakage current
IFB1
Respect to GND, VFB1 = 2 V
10
50
nA
Flyback mode DCM detect
threshold on FB1
VDCM1
Respect to GND
25
50
75
mV
FB1 open-circuit threshold
VFB1OPEN
-90
-60
-20
mV
FB1 OVP threshold
VFB1OVP
120%
125%
130%
VREF1
Minimum diode conduction
time for FB1 sample
TSAMPLE
1.4
2.2
3
μs
Respect to VIN, TJ = 25°C
-1.955
-1.88
-1.805
V
FB2 reference voltage
VREF2
Respect to VIN, TJ = -40°C to
+125°C
-1.96
-1.88
-1.8
V
FB2 leakage current
IFB2
Respect to VIN, VFB2 = -2 V
10
50
nA
Buck mode DCM detect
threshold on SW
VDCM2
Respect to VIN
0
0.14
V
Switching power device
On resistance
RON-SW
VCC = 5.4 V
0.8
Ω
Current sense
Current limit
ILIMIT
RILIM = 53.6 kΩ, L = 47 μH
1.85
2.05
2.25
A
Current leading-edge
Blanking time
TLEB
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com