Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6004 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6004
Description  Primary-Side Regulated Flyback/Buck 80V DCDC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6004 Datasheet HTML 1Page - Monolithic Power Systems MP6004 Datasheet HTML 2Page - Monolithic Power Systems MP6004 Datasheet HTML 3Page - Monolithic Power Systems MP6004 Datasheet HTML 4Page - Monolithic Power Systems MP6004 Datasheet HTML 5Page - Monolithic Power Systems MP6004 Datasheet HTML 6Page - Monolithic Power Systems MP6004 Datasheet HTML 7Page - Monolithic Power Systems MP6004 Datasheet HTML 8Page - Monolithic Power Systems MP6004 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP6004—PRIMARY-SIDE REGULATED FLYBACK/BUCK 80V DCDC CONVERTER
MP6004 Rev. 1.0
www.MonolithicPower.com
3
4/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
VIN............................................-0.3 V to +100 V
SW ............................................-0.7 V to +180 V
FB1 .........................................-0.7 V to +6.5 V(2)
FB2 to VIN .................................-6.5 V to +0.3 V
All other pins ...........................-0.3 V to +6.5 V(3)
VCC sinking current............................. 1.5 mA(4)
FB1 sinking current............................... ±1 mA(2)
EN sinking current .................................. 1 mA(5)
Continuous power dissipation (TA = +25°C)
(6)
................................................................ 2.5 W
Junction temperature ................................150
°C
Lead temperature .....................................260
°C
Storage temperature................ -65
°C to +150°C
Recommended Operating Conditions
(7)
Supply voltage (VIN) ........................14 V to 80 V
Switching voltage (VSW) ............-0.5 V to +150 V
Maximum VCC sinking current ............ 1.2 mA(4)
Maximum FB1 sinking current ........... ±0.5 mA(2)
Maximum EN sinking current............... 0.5 mA(5)
Maximum switching frequency.............. 200 kHz
Maximum current limit................................... 3 A
Switching junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(8)
θJA
θJC
QFN-14 (3mm x 3mm)........... 50....... 12 °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) Refer to the “Output Voltage Setting” section on page 18.
3) VCC and EN voltage can be pulled higher than this rating, but
the external pull-up current should be limited. Refer to “VCC
sinking current” and “EN sinking current” ratings to the left.
4) Refer to the “VCC Power Supply Setting” section on page 17..
5) Refer to the “EN Control Setting” section on page 17.
6) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
7) The device is not guaranteed to function outside of its
operating conditions.
8) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com