Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems MP3313 Datasheet HTML 16Page - Monolithic Power Systems MP3313 Datasheet HTML 17Page - Monolithic Power Systems MP3313 Datasheet HTML 18Page - Monolithic Power Systems MP3313 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
15
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
 PWMSR1:0 bit = 00, sample frequency =
800kHz.
 PWMSR1:0 bit = 01, sample frequency =
4MHz (default).
 PWMSR1:0 bit = 1x, sample frequency =
24MHz.
Choose a PWM sample frequency based on the
required dimming resolution, input dimming
frequency, and efficiency (the higher the sample
frequency, the higher the input consumption
current is). A low-level PWM signal that lasts for
a certain amount of time can disable the device
(see Table 2). The lower the PWM sample
frequency is, the longer the PWM shutdown
time is.
Table 2: PWM Shutdown Time vs. Sample
Frequency
fsample (Hz)
TPWM_SD (ms)
24M
0.6
4M
3
800k
25
PWM Hysteresis
To prevent the input PWM dimming signal jitter
from causing LED flicker, the MP3313 offers
selectable PWM hysteresis.
 HYS2:0 = 000: no hysteresis
 HYS2:0 = 001: 1 clock
 HYS2:0 = 100: 4 clock (default)
 HYS2:0 = 110: 6 clock
Where 1 clock = 1/fsample. Different sample
rates produce different clocks.
The PWM hysteresis is active only when the
direction of the LED brightness changes. Once
the LED brightness direction changes, the input
PWM signal must overcome the hysteresis, and
then the brightness changes. Otherwise, if the
LED brightness changing direction remains the
same, the PWM signal hysteresis function is
unused.
Brightness Control Mode
The LED current is controlled either by the input
PWM dimming signal or internal brightness
register. Five different brightness control modes
can be selected and set by the BRTMD2:0 bit.
1. Internal register only: When the brightness
control mode bits are set to 000, the LED
current
is
controlled
by
the
internal
brightness register only without the PWM
signal. The LED current changes only when
the eight MSBs are written. Write three
LSBs first, then write eight MSBs for 11-bit
brightness change.
In linear mapping mode, the LEDs can be
calculated with Equation (4) and Equation
(5):
ILED0
I
40.806 A 12.195 A Code0
 
 
(4)
ILED1
I
40.806 A 12.195 A Code1
 
 
(5)
In exponential mapping mode, the LEDs can
be
calculated
with
Equation
(6)
and
Equation (7):
Code0
ILED0
I
51.1 A 1.003040572
 
(6)
Code1
ILED1
I
51.1 A 1.003040572
 
(7)
The ramp time in either mapping mode can
be calculated with Equation (8):
RAMP
t
RAMP (Code1 Code0 1)
(8)
2. Input PWM duty only: When the brightness
control mode bits are set to 001, the LED
current is controlled by the input dimming
signal only. The internal brightness code is
ignored. The MP3313 samples the PWM
signal and translates it into an 11-bit code to
regulate
the
current.
Choose
the
corresponding PWM frequency based on
the
PWM
sample
rate
and
resolution
request.
In linear mapping mode, the LEDs can be
calculated with Equation (9) and Equation
(10):
ILED0
PWM0
I
40.806 A 12.195 A 2047 D
 
 
(9)
ILED1
PWM1
I
40.806 A 12.195 A 2047 D
 
 
(10)
In exponential mapping mode, the LEDs can
be
calculated
with
Equation
(11)
and
Equation (12):
PWM0
2047 D
ILED0
I
51.1 A 1.003040572
 
(11)
PWM1
2047 D
ILED1
I
51.1 A 1.003040572
 
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com