Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 17Page - Monolithic Power Systems MP3313 Datasheet HTML 18Page - Monolithic Power Systems MP3313 Datasheet HTML 19Page - Monolithic Power Systems MP3313 Datasheet HTML 20Page - Monolithic Power Systems MP3313 Datasheet HTML 21Page - Monolithic Power Systems MP3313 Datasheet HTML 22Page - Monolithic Power Systems MP3313 Datasheet HTML 23Page - Monolithic Power Systems MP3313 Datasheet HTML 24Page - Monolithic Power Systems MP3313 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
21
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 9: Boost Control Register
Addr: 0x13
Bit
Bit Name
Access
Default
Description
7
N/A
r
N/A
Reserved.
6
FS_SHFT
r/w
1
Switching frequency shift bit.
0: -12% shift
1: no shift
5
FS
r/w
1
Boost switching frequency set bit.
0: 500kHz
1: 1MHz
4
L_MIN
r/w
0
Minimum inductor select bit.
0
: 4.7μH
1: 10μH
3:2
OVP1:0
r/w
11
Over-voltage protection set bits.
00: 17V
01: 23V
10: 30V
11: 38V
1:0
CL1:0
r/w
11
Current limit set bits.
00: 0.75A
01: 1A
10: 1.25A
11: 1.5A
Table 10: Flash Current Set Register
Addr: 0x14
Bit
Bit Name
Access
Default
Description
7
FL_CL
r/w
0
Current limit in flash mode.
0: 2.5A
1: 3A
6:0
IFL6:0
r/w
0101000
Flash current set register. 1mA/step.
0x0A: 10mA
0x0B: 11mA
....
0x28: 40mA (default)
...
0x64: 100mA
0x64~7F: reserved
Table 11: Auto-Switching Frequency High Threshold
Addr: 0x15
Bit
Bit Name
Access
Default
Description
7:0
FS_AUTOH
r/w
00000000
Auto-switching frequency high threshold (500kHz to 1MHz). Compared
with the 8 MSBs of the brightness code. The function is disabled when
both FS_AUTOH and FS_AUTOL are set to 0.
Table 12: Auto-Switching Frequency Low Threshold
Addr: 0x16
Bit
Bit Name
Access
Default
Description
7:0
FS_AUTOL
r/w
00000000
Auto-switching
frequency
low
threshold
(250kHz
to
500kHz).
Compared with the 8 MSBs of the brightness code. The function is
disabled when both FS_AUTOH and FS_AUTOL are set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com