Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 8Page - Monolithic Power Systems MP3313 Datasheet HTML 9Page - Monolithic Power Systems MP3313 Datasheet HTML 10Page - Monolithic Power Systems MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems MP3313 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
12
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
I2C
Interface
PWM
Sample
SCL
SDA
A0
LED Current
Control
PWM
Channel
Select
Feedback
Control
Min
Max
OSC
RAMP
PWM
Control
Fault
Control
OVP
IN
SW
OUT
EN
LED1
LED2
LED3
GND
Min
Ref
Current
Limit
LED
Short
11-bit
Brightness
resolution
Linear/
Exponential
M1
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com