Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems MP3313 Datasheet HTML 16Page - Monolithic Power Systems MP3313 Datasheet HTML 17Page - Monolithic Power Systems MP3313 Datasheet HTML 18Page - Monolithic Power Systems MP3313 Datasheet HTML 19Page - Monolithic Power Systems MP3313 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
16
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The ramp time in either mapping mode can
be calculated with Equation (13):
RAMP
PWM1
PWM0
t
RAMP | 2047 D
2047 D
1|
(13)
3. Internal register multiplies PWM duty before
ramping: LED slope step controlled by
internal register and PWM duty. When the
brightness control mode bits are set to 010,
the LED current is controlled by the input
PWM dimming duty multiplied by the internal
brightness register. The slope step is also
controlled
by
the
PWM dimming
duty
multiplied by the brightness register.
In linear mode, the LEDs can be calculated
with Equation (14) and Equation (15):
ILED0
PWM0
I
40.806 A 12.195 A Code0 D
 
 
(14)
ILED1
PWM1
I
40.806 A 12.195 A Code1 D
 
 
(15)
In exponential mode, the LEDs can be
calculated with Equation (16) and Equation
(17):
PWM0
Code0 D
ILED0
I
51.1 A 1.003040572
 
(16)
PWM1
Code1 D
ILED1
I
51.1 A 1.003040572
 
(17)
The ramp time in either mapping mode can
be calculated with Equation (18):
RAMP
PWM1
PWM0
t
RAMP | Code1 D
Code0 D
1|
(18)
4. Ramp before internal register multiplies
input PWM dimming duty, LED slope step
controlled by internal register only: When the
brightness control mode bits are set to 011,
the LED current is controlled by the input
PWM dimming duty multiplied by the internal
brightness register.
The
slope
step
is
controlled by the internal brightness register
only.
In this mode, the LED current jumps
immediately
when
the
external
PWM
dimming duty changes. Then the LED
current changes step-by-step to the new
brightness register.
In linear mapping mode, the original current
can be calculated with Equation (19):
ILED0-
PWM0
I
40.806 A 12.195 A Code0 D
 
 
(19)
The LED current jumps immediately when
the duty changes, as shown in Equation
(20):
ILED0+
PWM1
I
40.806 A 12.195 A Code0 D
 
 
(20)
The LED current follows the code changes
shown in Equation (21):
ILED1
PWM1
I
40.806 A 12.195 A Code1 D
 
 
(21)
In exponential mapping mode, the original
current can be calculated with Equation (22):
PWM0
Code0 D
ILED0-
I
51.1 A 1.003040572
 
(22)
The LED current jumps immediately when
the duty changes, as shown in Equation
(23):
PWM1
Code0 D
ILED0+
I
51.1 A 1.003040572
 
(23)
Then, the LED current follows the code
changes shown in Equation (24):
PWM1
Code1 D
ILED1
I
51.1 A 1.003040572
 
(24)
The ramp time in either mode can be
calculated with Equation (25):
RAMP
t
RAMP | Code1 Code0 1|
(25)
For example, the PWM duty changes from
50% to 100%, and the brightness register
changes from 1024 to 2047, the slope is
1ms/step in linear analog dimming.
The original LED current can be calculated
with Equation (26):
ILED0-
I
40.806 A
12.195 A (1024 0.5)
6.28mA
 
 
(26)
Then the LED current jumps immediately, as
shown in Equation (27):
ILED0+
I
40.806 A 12.195 A (1024 1)
12.52mA
 
 
 
(27)
The LED current rise up step-by-step,
shown in Equation (28):
ILED1
I
40.806 A 12.195 A (2047 1)
25mA
 
 
 
(28)
The ramp-up time can be calculated with
Equation (29):
RAMP
t
1ms / step | 2047 1024 1| 1022ms
 
(29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com