Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 6Page - Monolithic Power Systems MP3313 Datasheet HTML 7Page - Monolithic Power Systems MP3313 Datasheet HTML 8Page - Monolithic Power Systems MP3313 Datasheet HTML 9Page - Monolithic Power Systems MP3313 Datasheet HTML 10Page - Monolithic Power Systems MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
10
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, 8*LEDs/string, ILED/Ch = 20mA, L = 10µH, TA = 25°C, unless otherwise noted.
Open LED Protection (Mark Off)
VOVP = 30V, Open 1 String
Open LED Protection (IC latch Off)
VOVP = 30V, Open 1 String
CH1: VSW
20V/div.
CH2: VOUT
20V/div.
CH3: IL
500mA/div.
CH4: ILED
50mA/div.
CH1: VSW
20V/div.
CH2: VOUT
20V/div.
CH3: IL
500mA/div.
CH4: ILED
50mA/div.
200µs/div.
100µs/div.
Thermal Shutdown Protection
(IC Latch Off)
Thermal Shutdown Protection
(Recoverable)
CH1: VSW
20V/div.
CH2: VOUT
20V/div.
CH3: IL
500mA/div.
CH4: ILED
50mA/div.
CH1: VSW
20V/div.
CH2: VOUT
20V/div.
CH3: IL
500mA/div.
CH4: ILED
50mA/div.
2s/div.
2s/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com