Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 9Page - Monolithic Power Systems MP3313 Datasheet HTML 10Page - Monolithic Power Systems MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems MP3313 Datasheet HTML 16Page - Monolithic Power Systems MP3313 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
13
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3313 is a step-up converter with
peak-current-mode
control
architecture
that
employs three channels of current sink to drive
three strings of white LED for an LCD panel.
The MP3313 supports 11-bit resolution analog
dimming via an internal register or external
pulse-width modulation (PWM) input signal.
Boost Converter Switching Frequency
The MP3313 has two selectable switching
frequencies (FS) through the I2C interface.
When the register bit FS = 1, the switching
frequency is set to 1MHz. When the register bit
FS = 0, the switching frequency is set to 500kHz.
Additionally, the switching frequency can be
shifted down 12% by the register FS_SHFT.
Auto-Switching Frequency
To optimize the efficiency in different loads, the
MP3313 can select the switching frequency
automatically by comparing the auto-switching
frequency low threshold (register 0x16) and
auto-switching
frequency
high
threshold
(register 0x15) to 8MSBs of the brightness code
(register 0x19).
The auto-switching frequency function includes
three different working frequency points: 1MHz,
500kHz, and 250kHz. At the high threshold, the
device switches from 1MHz to 500kHz. At the
low threshold, the device switches from 250kHz
from 500kHz (see Table 1).
Table 1: Switching Frequency Auto-Function
8MSBs of Brightness Code
(register 0x19)
Switching
Frequency
<auto switching frequency low
threshold (register 0x16)
250kHz
>auto switching frequency low
threshold (register 0x16)
<auto switching frequency high
threshold (register 0x15)
500kHz
>auto switching frequency high
threshold (register 0x15)
1MHz
To
disable
auto-frequency,
both
the
auto-switching frequency high threshold and low
threshold must be set to zero. Once the
auto-function is disabled, the MP3313 works at
a fixed frequency set by the FS bit. The
auto-frequency function can be enabled by
setting a non-zero code for any one of
auto-switching frequency thresholds.
Note that the switching frequency -12% shift is
still active when the auto-switching frequency
function is enabled.
Minimum Inductor Selection
To optimize the boost converter control loop, the
minimum inductance is limited for the MP3313,
which is set by the minimum inductor L_MIN bit.
When the L_MIN bit is set to 0, the minimum
inductor is 4.7μH. When the L_MIN bit is set to 1,
the minimum inductor is 10μH.
System Start-Up
If input voltage is higher than the under-voltage
lockout (UVLO) threshold and EN is pulled high,
the MP3313 enters standby mode. In this mode,
only the I2C is active and ready to communicate
with the host. Meanwhile, the MP3313 monitors
the topology connection and safety limits,
including two checks:
 The MP3313 checks whether the OUT pin
connection is correct or not. An OUT voltage
(VOUT) of less than 1.2V cannot implement
device switching and sets the FT_UVP bit to
1.
 The MP3313 checks if the device has
triggered
LED
open/short
protection,
over-current
limit
protection,
or
over-temperature protection (OTP). If all
protections pass, the MP3313 then starts
boosting the step-up converter with an
internal soft start.
To
prevent
a
large
inrush
current,
it
is
recommended that the power-on sequence be
from VIN power-on to PWM power-on to EN
power-on. If the external EN pin is always pulled
high or to VIN by a resistor, it is requested to
write EN to 1 after VIN powers on. When
dimming is done by the internal code only, the
PWM signal can be ignored.
Boost Converter Operation
The MP3313 uses peak-current mode to control
the output voltage. At the start of the internal
oscillator cycle, the low-side MOSFET (LS-FET)
(M1) is turned on. To prevent sub-harmonic
oscillation at duty cycles greater than 50%, a
stabilizing ramp is added to the output of the
current sense amplifier, and the result is fed into
the positive input of the PWM generation
comparator. When this voltage equals the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com