Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 18Page - Monolithic Power Systems MP3313 Datasheet HTML 19Page - Monolithic Power Systems MP3313 Datasheet HTML 20Page - Monolithic Power Systems MP3313 Datasheet HTML 21Page - Monolithic Power Systems MP3313 Datasheet HTML 22Page - Monolithic Power Systems MP3313 Datasheet HTML 23Page - Monolithic Power Systems MP3313 Datasheet HTML 24Page - Monolithic Power Systems MP3313 Datasheet HTML 25Page - Monolithic Power Systems MP3313 Datasheet HTML 26Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
24
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
much less than the input source impedance to
prevent the high-frequency switching current
from passing through to the input. Ceramic
capacitors with X5R or X7R dielectrics are
recommended for their low ESR and small
temperature coefficients. For most applications,
a 1 ~ 4.7
μF ceramic capacitor is sufficient.
Selecting the Inductor
The converter requires an inductor to supply a
high output voltage while being driven by the
input voltage. A larger value inductor results in
less ripple current, lower peak inductor current,
and less stress on the internal N-channel
MOSFET. However, the larger inductor also has
a larger physical size, higher series resistance,
and lower saturation current.
Choose an inductor that will not saturate under
the worst-case load conditions. Select the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
(CCM) with high efficiency and good EMI
performance.
Calculate the required inductance value using
Equation (35) and Equation (36):
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 

(35)
IN
OUT
V
D1
V

(36)
Where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, ILOAD is
the LED load current
, and η is the efficiency.
The
switching
current
is
used
for
peak-current-mode control. To prevent hitting
the current limit, the worst-case inductor peak
current should be less than 80% of the current
limit (ILIM). For most applications, a 4.7 ~ 10µH
inductor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. Note that the ceramic
capacitance is dependent on the voltage rating.
With a DC bias voltage, the capacitance can
lose as much as 50% of its value at its rated
voltage rating. Leave a large enough voltage
rating margin when selecting the component.
Too low a capacitance value causes loop
instability. For most applications, a 10μF
ceramic capacitor is sufficient.
Selecting the External Schottky Diode
To optimize the efficiency, a high-speed and low
reverse-recovery current Schottky diode are
recommended. Make sure the diode
’s average
and peak current ratings exceed the output
average LED current and the peak inductor
current. In addition, the diode
’s break-down
voltage rating should be large than the maximum
voltage across the diode. Usually, unexpected
high-frequency voltage spikes can be seen
across the diode when the diode turns off.
Therefore, leaving some voltage rating margin is
always needed to guarantee normal long-term
operation when selecting a diode.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. Proper layout of the high-frequency
switching path is critical to prevent noise and
electromagnetic interference problems. For best
results, refer to the guidelines below.
1. Minimize the loop of MP3313
’s internal
LS-FET,
Schottky
diode,
and
output
capacitor,
since
it
is
flowing
with
high-frequency ripple current.
2. Place the input and output capacitors as
close to the IC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com