Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 16Page - Monolithic Power Systems MP3313 Datasheet HTML 17Page - Monolithic Power Systems MP3313 Datasheet HTML 18Page - Monolithic Power Systems MP3313 Datasheet HTML 19Page - Monolithic Power Systems MP3313 Datasheet HTML 20Page - Monolithic Power Systems MP3313 Datasheet HTML 21Page - Monolithic Power Systems MP3313 Datasheet HTML 22Page - Monolithic Power Systems MP3313 Datasheet HTML 23Page - Monolithic Power Systems MP3313 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
20
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 7: Brightness Control Register
Addr: 0x11
Bit
Bit Name
Access
Default
Description
7
MAPMD
r/w
0
LED current mapping mode bit.
0: linear mapping
1: exponential mapping
6:4
BRTMD2:0
r/w
011
Brightness mode control bits.
000: brightness register only
001: PWM duty only
010: brightness register multiplies PWM duty before ramp
011: ramp before brightness register multiplies PWM duty
100: LED current multiplies PWM duty
3
SLPEN
r/w
0
LED current slope enable bit.
0: LED current slope disabled
1: LED current slope enabled
2:0
TSLP2:0
r/w
000
LED current slope time for each step.
000: 0.125ms/step
001: 0.25ms/step
010: 0.5ms/step
011: 1ms/step
100: 2ms/step
101: 4ms/step
110: 8ms/step
111: 16ms/step
Table 8: PWM Control Register
Addr: 0x12
Bit
Bit Name
Access
Default
Description
7:6
PWMSR
r/w
01
PWM sample frequency set bits.
00: 800kHz
01: 4MHz
1x: 24MHz
5
PWM_P
r/w
1
PWM input polarity set bit.
0: active low
1: active high
4:2
HYS2:0
r/w
100
PWM hysteresis set bits.
000: no hysteresis
001: 1 clock
010: 2 clock
011: 3 clock
100: 4 clock
101: 5 clock
110: 6 clock
111: reserved
1:0
FILTER1:0
r/w
11
PWM input filter bits.
00: no filter
01: 80ns
10: 160ns
11: 240ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com